PART |
Description |
Maker |
8272A |
Single / Double Density Floppy Disk Controller
|
Intel Corporation
|
IPT1608-SEA |
High current density due to double mesa technology
|
IP SEMICONDUCTOR CO., LTD.
|
UPD72065 UPD72065BC UPD72065BL UPD72065C UPD72065C |
RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% (UPD72066) CMOS Floppy Disk Controller
|
NEC Corp. NEC[NEC]
|
IPT1208-SEA IPT1208-CEA IPT1208-BEA IPT1208-TEA |
High current density due to double mesa technology High current density due to double mesa technology
|
IP SEMICONDUCTOR CO., LTD. IP SEMICONDUCTOR CO., L...
|
IPT1206-BEF IPT1206-TEF IPT1206-CEF IPT1206-SEF |
High current density due to double mesa technology
|
IP SEMICONDUCTOR CO., L...
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
569-0108-888 569-0101-111 569-0103-333 DIALIGHTCOR |
3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level T-1 SINGLE COLOR LED ARRAY, BLUE, 3 mm 3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level T-1 SINGLE COLOR LED ARRAY, RED, 3 mm 3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level T-1 SINGLE COLOR LED ARRAY, YELLOW, 3 mm
|
Dialight PLC
|
VKA75LS24-1 VKA75MS03-1 VKA75LS03-1 |
75 Watt Single Output High Density DC/DC Converter
|
C&D Technologies
|
VKA50LS03-1 VKA50LS05-1 VKA50LS12-1 VKA50LS15-1 VK |
50 Watt Single Output High Density DC/DC Converter
|
C&D Technologies
|
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
UWR-5-3000-D48A-C |
Single Output, High-Density, 6 Amp/15 Watt DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|