PART |
Description |
Maker |
SHT20P |
DFN type package ?reflow solderable Humidity and Temperature Sensor IC
|
List of Unclassifed Man... Sensirion
|
224CNQ045 224CNQ 224CNQ035 224CNQ040 |
SCHOTTKY RECTIFIER 35V 220A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package Proximity Sensor; Sensor Input Type:Magnetic; Sensor Output Type:NPN; Leaded Process Compatible:No; Output Type:3 Wire; Peak Reflow Compatible (260 C):No; Sensor Housing:Barrel
|
IRF[International Rectifier]
|
MSA-0286 MSA-0286-BLK MSA-0286-TR1 |
Cascadable Silicon Bipolar MMIC Amplifier 级联硅双极MMIC放大 Buffer / Driver / Receiver Logic IC; Package/Case:28-PLCC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount
|
Agilent Technologies, Inc. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
ST6391B1 |
MOSFET; Transistor Polarity:Dual N Channel; Continuous Drain Current, Id:2.6A; On-Resistance, Rds(on):0.18ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No 8位微控制器HCMOS电视频率合成带OSD
|
STMicroelectronics N.V.
|
LTC3528EDDBTRPBF LTC3528EDDBPBF LINEARTECHNOLOGYCO |
1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm x 2mm DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PDSO8 LTC3528-2 - 1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm × 3mm DFN; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 125°C SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
YQM0505-FEC YCMPB0507-FEC YCMPB0406-FEC |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No MAX 3000A CPLD 256 MC 144-TQFP Stratix II FPGA 180K FBGA-1020 连接5MM/PG29
|
TE Connectivity, Ltd.
|
PH1012-70 |
Tiny Micropower Precision Series References in 2mm x 2mm DFN; Package: DFN; No of Pins: 3; Temperature Range: 0°C to 70°C 晶体管|晶体管|叩| 65V的五(巴西)总裁|1VAR
|
HIROSE ELECTRIC Co., Ltd.
|
LTC3526BEDCTR |
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm x 2mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING CONTROLLER, 1300 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|
LT3493EDCB LT3493EDCB-PBF LT3493EDCB-TR LT3493EDCB |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
RTF015P02 |
Power Supply IC; Package/Case:10-MLP; Cap Charger Output Type:Three levels of switch current limit: 1.6, 1.8, 2.0 A; Output Type:Current; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.5V; Supply Voltage Min:3V RoHS Compliant: Yes DC-DC Converter (20V/ 1.5A) DC-DC Converter (-20V, -1.5A) DC-DC Converter (−20V, −1.5A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
ST-03BH |
Reflow Type (SMD)
|
Soberton Inc.
|