PART |
Description |
Maker |
PIC24FJ256DA210T-I/BG PIC24FJ256DA206T-I/BG PIC24F |
64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG) 16-BIT, FLASH, 32 MHz, MICROCONTROLLER, PQCC64
|
Microchip Technology
|
PIC12F629-I_MF PIC12F629-I_P PIC12F629-I_SN PIC12F |
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP8
|
Microchip Technology
|
NX25F011B NX25F011B-3S NX25F011B-3V NX25F011B-5S N |
1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 4 Mbit Uniform Sector, Serial Flash Memory
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
PIC16F688T-E_ML PIC16F688T-E_P PIC16F688T-E_SL PIC |
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO14 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC16
|
Microchip Technology
|
PIC18F23K2010 PIC18F25K20-E_ML PIC18F25K20-E_P PIC |
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology 8-BIT, FLASH, 64 MHz, MICROCONTROLLER, PQCC44 8-BIT, FLASH, 64 MHz, MICROCONTROLLER, PQCC28
|
Microchip Technology
|
AM29LV102B AM29LV102BB-120EC AM29LV102BB-120ECB AM |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory IC SMT SRAM 128K X 8 70NS 5V SOP-32 SRAM; Memory Type:Asynchronous SRAM; Memory Size:1MB; Memory Configuration:64K x 16; Access Time, Tacc:10ns; Package/Case:44-TSOP-II; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
PIC12F629 PIC12F629EMF PIC12F629EP PIC12F629ESN PI |
8-Pin FLASH-Based 8-Bit CMOS Microcontrollers 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,8PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
PIC18LF8720-I/PT PIC18F8720-IPTSQTP PIC18F8720-IPT |
8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PQFP80 64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
|
Micrel Semiconductor
|
PIC24FJ256GA106 PIC24FJ256GA110 PIC24FJ256GA11010 |
64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select PIC24FJ256GA110 Family Data Sheet
|
Microchip Technology
|
ATMEGA161-4JC ATMEGA161-8PI ATMEGA161-4JI ATMEGA16 |
8-bit Microcontroller with 16K Bytes In-System Programmable Flash ER 3C 3#12 PIN RECP BOX 8位微控制器具6K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
AM29LV104BT-90JIB AM29LV104B AM29LV104BB-120EC AM2 |
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector 32-Pin Flash Memory IC SMT S-RAM 128KX8 IS62C1024L SWITCH KEYLOCK SPDT MOM 4A 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 4兆位12亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc.
|
ATTINY24V-10MUR ATTINY24V-10SSUR ATTINY84V-10PU AT |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO14 0.150 INCH, GREEN, PLASTIC, MS-012AB, SOIC-14 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP14 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
|