PART |
Description |
Maker |
US661EDC US651EDC US651 |
Two-Coil Low Noise Fan Driver
|
Melexis Microelectronic Systems
|
US169ESE US168ESE |
Low Noise & Low voltage Single-Coil Fan/Motor Driver
|
Melexis Microelectronic Systems
|
BS616LV2015 BS616LV2015TI BS616LV2015AC BS616LV201 |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Plug-In Relay; Contacts:SPST-NO; Contact Carry Current:30A; Coil Voltage AC Max:24V; Relay Mounting:Plug-In; Relay Terminals:Screw; Coil Resistance:11.5ohm; Coil Power VAC:9.5VA RoHS Compliant: Yes 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
AP1307Z-SLA AP1307 AP1307A-S AP1307A-SA AP1307A-SL |
Two Coil Fan Motor Predriver Two Coil Fan Motor Predriver 两个线圈风扇电机预驱动器 70 mA, two coil fan motor predriver
|
Intersil, Corp. Alpha Wire Company ANACHIP[Anachip Corp] http://
|
OD1225 OD1225-12HSS OD1225-24HSS |
DC FAN - 12V, 24V
|
ORION FANS
|
OD9225-12HB OD9225-12MB OD9225-24HB OD9225-24LB OD |
DC Fan - 12V & 24V 92x25 (3.62 x 1.00)
|
ORION FANS
|
OD6038-24LB-VXC |
DC Fan 12V, 24V - Vaneaxial, High Pressure 60x38mm (2.36”x 1.5?
|
ORION FANS
|
US890 US891 |
Two-Coil Fan Driver
|
MELEXIS
|
HV7100 |
24V/48V Fan Driver/Controller With High-Side Drive
|
SUTEX[Supertex, Inc]
|
OD4010-05MB OD4010-12LB OD4010-05HB OD4010-12HB OD |
DC Fan - 5, 12, 24V 40x10mm (1.58 x 0.39) DC Fan - 5, 12, 24V 40x10mm (1.58 x 0.39)
|
ORION FANS
|
US73 |
(US72 / US73) Single Coil Fan Driver
|
Melexis
|
3SCV5012H1 3SCV5534D1 3SCV5012A1 3SCV5012B1 3SCV50 |
Long-life Haif-size Industrial Relay POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.03A (COIL), 35VDC (COIL), 1050mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.06A (COIL), 20VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.04A (COIL), 30VDC (COIL), 1200mW (COIL), PCB MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.05A (COIL), 23VDC (COIL), 1150mW (COIL), PANEL MOUNT
|
Tyco Electronics
|