PART |
Description |
Maker |
PF0603H4.5 PF0603H1 PF0603H2 PF0603H3 PF0603H5 PF0 |
HIGH INRUSH fus es
|
Protek Devices
|
A82015C0GL5 A82120C0GL5 A68015C0GL5 A56015C0GL5 A5 |
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
K103K10X7RF5UH5 |
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
KLPC3500 KLPC6000 KLPC650 KLPC700 KLPC5000 KLPC100 |
KLPC series POWR-PRO class L fuse. Time-delay. 3500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 6000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 650A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 700A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 5000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1100A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1300A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1400A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1800A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1600A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1900A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 2000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 900A, 600VAC, 480VDC.
|
Littelfuse
|
TDA8920C09 TDA8920C TDA8920CJ TDA8920CTH TDA8920CJ |
2 垄楼 110 W class-D power amplifier 2 麓 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 x 110 W class-D power amplifer, SOT411-1 (DBS23P), Tube 110 W, 2 CHANNEL, AUDIO AMPLIFIER, PZFM23 2 X 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 X 110 W class-D power amplifier
|
NXP Semiconductors N.V.
|
MAX97001EWP MAX97001 |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
|
Maxim Integrated Produc... Maxim Integrated Products
|
MAX98304 |
mono 3.2W Class D amplifier provides Class AB audio performance
|
Maxim Integrated Products
|
F1740-3501 |
Class X1 - AC275V; Class Y2 - AC250V
|
Vishay
|
D18020U2JH6 D15020U2JH6 D22020U2JH6 D27020U2JH6 D1 |
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
|
Vishay Siliconix
|
VKP222MCQED0KR VKP102MCQERUKR |
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC AC Line Rated Ceramic Disc Capacitorsnull Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix
|
|