PART |
Description |
Maker |
ZVN4525G ZVN4525GTA ZVN4525GTC |
PNP 30CM DIFF W/ADJ RoHS Compliant: Yes 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 250V N-CHANNEL ENHANCEMENT MODE MOSFET 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-channel MOSFET
|
Zetex Semiconductor PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
FQB3N25 FQI3N25 FQI3N25TU |
250V N-Channel QFET 250 N-Channel MOSFET 250V N-Channel MOSFET 2.8 A, 250 V, 2.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
3404.2420.XX 3404.2417.XX 3404.2412.XX 3404.2413.X |
Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
|
Schurter Inc.
|
SUU40N06-24 SUD40N06-24 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 37A I(D) | TO-251 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极
|
Vishay Intertechnology, Inc.
|
SU25B12TG SU80C12TG SU50C12TG SU50B12TG SU25A12TG |
ZENER DIODES TRANSISTOR | JFET | N-CHANNEL | 120V V(BR)DSS | CHIP Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极
|
Nihon Inter Electronics, Corp. Cornell Dubilier Electronics, Inc.
|
NTJD4001NT2G |
Small Signal MOSFET 30 V, 250 mA, Dual N - Channel, SC - 88 250 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
AD7682 EVAL-AD7689CBZ AD7699 AD7689ACPZRL7 |
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
|
Analog Devices
|
STB18NF25 |
N-channel 250 V, 0.14 Ohm, 17 A low gate charge STripFET(TM) II Power MOSFET in D2PAK package N-channel 250 V, 0.14 Ω, 17 A low gate charge STripFET II Power MOSFET in D2PAK and DPAK packages
|
ST Microelectronics STMicroelectronics
|
EL2180C EL2280C EL2480C |
250 MHz/3 mA Single Current Mode Feedback Amplifier(250 MHz/3 mA,单路电流模式反馈放大器) 250 MHz/3 mA Dual Current Mode Feedback Amplifier(250 MHz/3 mA,双路电流模式反馈放大器) 250 MHz/3 mA Quad Current Mode Feedback Amplifier(250 MHz/3 mA锛??璺??娴?ā寮??棣??澶у?)
|
Elantec Semiconductor
|
IRFP254BFP001 |
250V N-Channel B-FET / Substitute of IRFP254 & IRFP254A; ; No of Pins: 3; Container: Rail 25 A, 250 V, 0.14 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
C44AFGR6250ZA0J |
Film, Metallized Polypropylene, Power, C44A, 250 uF, 5%, 400 V, 250 V
|
Kemet Corporation
|
|