PART |
Description |
Maker |
HT66F201109 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
ST72561 ST72561AR6 ST72561AR9 ST72561J6 ST72561J9 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85
|
意法半导
|
ADUC812 ADUC812BS ADUC81203 EVAL-ADUC812QS EVAL-AD |
8-BIT, FLASH, 11.0592 MHz, MICROCONTROLLER, PQCC56 MicroConverter?, Multichannel 12-Bit ADC with Embedded Flash MCU MicroConverter庐, Multichannel 12-Bit ADC with Embedded Flash MCU
|
ANALOG DEVICES INC
|
HT45FM03B |
Brushless DC Motor Flash Type 8-Bit MCU
|
Holtek Semiconductor Inc
|
HT68F30-1 |
Enhanced Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
VRS550-PAC25 VRS560-PAC25 VRS550-PLI25 VRS560-PLI2 |
VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS550 - 8KB闪存56B的RAM5MHz的,8位微控制器VRS560 - 16kB的闪存,256B的RAM5MHz的,8位微控制 VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
HT66F03M HT66F04M HT68F03M HT68F04M |
1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
|
Holtek Semiconductor Inc
|
HT66FU60A |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
|
Holtek Semiconductor Inc
|
STM8L152R6 STM8L152M8T6 STM8L152C8 STM8L152C8T6 ST |
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM
|
STMicroelectronics
|
BS85C20-3 BS85B12-3 |
Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
|
Holtek Semiconductor Inc
|
HD63PB05Y0 HD63A05UOP HD63A05UOCP HD63A05U0CP HD63 |
IC MCU AVR 32K FLASH 64-TQFP MCU AVR 2K FLASH 15MHZ 20-QFN 8-BIT MICROCONTROLLER 8位微控制
|
Hitachi,Ltd.
|