PART |
Description |
Maker |
GPC41-12 GPC41-15 GPC41-24 GPC41-28 GPC41-5 GPM41- |
41 WATT GLOBAL PERFORMANCE SWITCHERS
|
SL Power Electronics List of Unclassifed Manufac... List of Unclassifed Man...
|
GPC40 GPC40-12 GPC40-15 GPC40-24 GPC40-28 GPM40-5 |
40 WATT GLOBAL PERFORMANCE SWITCHERS
|
SL Power Electronics
|
GPFM600-24 |
600 Watt Global Performance Switchers
|
SL Power Electronics
|
GPFM115 |
115 Watt Global Performance Switchers
|
SL Power Electronics
|
GPC80-15 GPC80-24 GPC80-12 GPC80-28 GPM80-12 GPM80 |
80 Watt Global Single and Multiple Output Performance Switchers
|
SL Power Electronics
|
GPC130 GPC130A GPC130B GPC130C GPC130D GPC130E GPM |
130 Watt Global Performance Switchers 130 Watt Global Performance Switchers
|
SL Power Electronics List of Unclassifed Manufacturers List of Unclassifed Man...
|
GPC50 GPC50A GPC50F |
50 WATT GLOBAL PERFORMANCE SWITCHERS
|
SL Power Electronics
|
MAX5873 MAX5874 MAX5875 MAX5876 MAX5877 MAX5878 MA |
Quadruple Line Driver 14-CDIP -55 to 125 12位200Msps、高动态性能、双路DAC,CMOS输入 16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs Replaced by SN55189A : Quadruple Line Receiver 14-CDIP -55 to 125 Quadruple Line Driver 14-CFP -55 to 125 Quadruple Line Driver 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
RF-5832H-PA101 |
125 WATT HF POWER AMPLIFIER
|
Harris Corporation
|
LWN-1801-6 LWN-2660-6 LWN-1601-6 LWN1740-6M1 |
125 and 250 Watt AC-DC Converters 125 and 250 Watt AC-DC Converters
|
http:// Power-One
|
MA4082 MA4051 MAZ40390H MAZ4200 MAZ42000H MAZ42000 |
DO-34-A1 Oscillator; Frequency:14.31818MHz; Frequency Tolerance:30ppm; Load Capacitance:50pF; Supply Voltage:5V; Crystal Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Package/Case:14-DIP; No. of Pins:4 RoHS Compliant: Yes Hex Inverting Drivers 20-LCCC -55 to 125 Hex Inverting Drivers 14-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 Silicon planar type 33 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4-Bit Bidirectional Universal Shift Registers 16-CDIP -55 to 125 4.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 3.5 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 5.8 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8-Input Positive-NAND Gates 14-CDIP -55 to 125 7 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 8.2 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-34 Hex Drivers 14-CFP -55 to 125 18 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Hex Drivers 14-CDIP -55 to 125 17.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE USB interface embedded modem module V92, 56k data, fax and voice supports Linux, Windows, Mac O/S supports Linux CDC-ACM compliant Global telecom and safety compliant Small-signal device - Diodes - Zener Diodes
|
http:// Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
AD9750 AD9750AR AD9750ARU AD9750-EB |
10-Bit, 125 MSPS High Performance TxDAC D/A Converter
|
AD[Analog Devices]
|