PART |
Description |
Maker |
1120005029 DRL-EMB-PCU E-112000-5029 |
BradCommunications Direct-Link PCU-ETHIO Ethernet card for Modbus TCP/UDP Client
|
Molex Electronics Ltd.
|
HT56RB688 |
TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
|
Holtek Semiconductor Inc
|
ST7265AR6M1 ST7265C6M0 ST7265L6M0 ST7265C6M0E ST72 |
LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI 低功耗,全速USB 8位微控制2K快闪5k需要内存,闪存卡的I /楼,定时器,PWM,ADC的而I2C,SPI ST7 - LOW-POWER. FULL-SPEED USB 8-BIT MCU WITH 32K FLASH. 5K RAM. FLASH CARD I/F. TIMER. PWM. ADC. I2C
|
意法半导 STMicroelectronics N.V.
|
ICS525-01 ICS525-01R ICS525-01RIT ICS525R-02I ICS5 |
OSCaR?User Configurable Clock OSCAR⒙ USER CONFIGURABLE CLOCK OSCaR⑩ User Configurable Clock OSCaR?/a> User Configurable Clock
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems]
|
IE-78018-NS-EM1 |
IE-78018-NS-EM1 User's Manual | User's Manual[04/1999] IE浏览 78018的葡萄球菌EMI的用户手册|用户手册[04/1999]
|
NEC TOKIN, Corp.
|
7P004FLB2102C15 7P004FLB2302C15 7P004FLB2202I15 7P |
MCU CMOS 28 LD LOW PWR, -40C to 85C, 28-SPDIP, TUBE MCU CMOS 28 LD 20MHZ 2K EPRM, -40C to 85C, 28-SOIC 300mil, TUBE MCU CMOS 28 LD LOW PWR, 0C to 70C, 28-SPDIP, TUBE MCU CMOS 28 LD 20MHZ 2K EPRM, -40C to 85C, 28-SSOP 208mil, TUBE MCU CMOS 28 LD LOW PWR, 0C to 70C, 28-SOIC 300mil, T/R MCU CMOS 28 LD LOW PWR, -40C to 85C, 28-SSOP 208mil, T/R 28 Pin, 7KB FLASH, 256 RAM, 25 I/O, -40C to 85C, 28-QFN, T/R 20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 85C, 20-SOIC 300mil, TUBE 80 PIN, 8KB FLASH, 1KB RAM, 66 I/O, -40C to 85C, 80-TQFP, TRAY 20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 125C, 20-SOIC 300mil, T/R 80 PIN, 8KB FLASH, 1KB RAM, LCD DRIVER, 67 I/O, -40C to 85C, 80-TQFP, TRAY MCU CMOS 28 LD 4MHZ 4K EPRM, -40C to 85C, 28-SPDIP, TUBE MCU CMOS 28 LD 10MHZ 4K EPRM, -40C to 85C, 28-SOIC 300mil, TUBE MCU CMOS 28 LD 4MHZ 4K EPRM, 0C to 70C, 28-SPDIP, TUBE MCU CMOS 28 LD 10MHZ 4K EPRM, 0C to 70C, 28-SPDIP, TUBE MCU CMOS 28 LD 4MHZ 4K EPRM, -40C to 125C, 28-SPDIP, TUBE MCU CMOS 28 LD 20MHZ 4K EPRM, 0C to 70C, 28-SOIC 300mil, TUBE MCU CMOS 28 LD 20MHZ 4K EPRM, -40C to 125C, 28-SOIC 300mil, TUBE MCU CMOS 28 LD 4MHZ 4K EPRM, -40C to 85C, 28-SOIC 300mil, TUBE Flash Memory Card 2 MB Through 40 MB (AMD Based)(2M字节-40M字节闪速存储器卡(基于AMD 14 PIN Baseline PIC with 1024 words of program memory & 72 bypes of SRAM, -40C to 125C, 14-TSSOP , TUBE MCU CMOS 18LD 20MHz 4K FLASH, -40C to 85C, 18-SOIC 300mil, T/R EEPROM MCU CMOS 28 LD 4MHZ 2K EPRM, 0C to 70C, 28-SSOP 208mil, T/R EEPROM EEPROM EEPROM 14 PIN BASELINE PIC W/1024 WORDS OF PROGRAM MEMORY & 72 BYTES OF SRAM, -40C to 125C, 14-SOIC 150mil, T/R EEPROM
|
EEPROM Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Coilcraft, Inc. IXYS, Corp. Vishay社区
|
MEC1-105-02-S-D MEC1-120-02-S-D-A |
1MM MINI-EDGE CARD ASSEMBLY 10 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET CONN EDGE CARD DL 1MM 40POS SMD
|
Samtec, Inc. SAMTEC INC
|
82559 |
Fast Ethernet Multifunction PCI/CARD bus controller(快速以太网多功能PCI/CARD 总线控制
|
Intel Corp.
|
HD63705V0 HD637A05V0 HD637B05V0 |
8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU) 8位CMOS单片机单元(MCU
|
Hitachi,Ltd. Hitachi Semiconductor
|
R5F364A6DFA R5F364A6DFB R5F364A6NFA R5F364A6NFB R5 |
This MCU consumes low power, and supports operating modes RENESAS MCU
|
Renesas Electronics Corporation
|
MC68HC805B6 |
8-Bit Microcontroller Units (MCU).(8位微控制 8位微控制器单元(MCU)。(8位微控制器)
|
Motorola Mobility Holdings, Inc.
|
|