PART |
Description |
Maker |
NV23107 NV2312CSDC10VN NV2312CSDC10VS NV2312ASDC10 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc
|
AO4435 |
): 250 (@8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PLSP0020JB-A
|
Alpha
|
FOD8523SD |
4-Pin High Operating Temperature Photodarlington Optocoupler
|
Fairchild Semiconductor
|
PS2561DL1-1Y-A PS2561DL1-1Y-V-A PS2561DL-1-F3 PS25 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110隆?C DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110°C
|
NEC
|
BR2477A |
High Operating Temperature Poly-carbonmonofluoride Lithium Coin Batteries
|
Panasonic Battery Group
|
FOD814 |
(FOD617 - FOD817) 4-Pin High Operating Temperature Phototransistor Optocouplers
|
Fairchild Semiconductor
|
DN6848TE DN6848SE DN6848S DN6848 |
Hall IC(Operating Temperature Range Topr = - 40 to -100°C, Operating in Alternative Magnetic Field) Hall IC(Operating Temperature Range Topr = - 40 to -100C Operating in Alternative Magnetic Field) Hall IC(Operating Temperature Range Topr = - 40 to -100∑C, Operating in Alternative Magnetic Field)
|
http:// PANASONIC[Panasonic Semiconductor]
|
P1402AAL P1602ACL P3002AAL P0602ACL P2202AAL P2702 |
Execution Time (ns): 41.7 (@24MHz); Operating Frequency / Supply Voltage: 24MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -20
|
Littelfuse, Inc.
|
P1402CL |
(ns): 41.7 (@24MHz); Operating Frequency / Supply Voltage: 24MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -20 to 85, -40
|
Littelfuse, Inc.
|
PCA9516APW112 |
5-channel I<sup>2</sup>C hub - I2C-bus: 400 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 3.0~3.6 VDC; Outputs: 4; Package: SOT403-1 (TSSOP16); Container: Tube 10 LINE TRANSCEIVER, PDSO16
|
NXP Semiconductors N.V.
|
K6R4008V1D |
512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
|
SAMSUNG[Samsung semiconductor]
|
KM641003A KM641003A-15 KM641003A-12 KM641003A-20 |
256KX4 HIGH SPEED STATIC RAM(5V OPERATING), REVOLUTIONARY PIN OUT OPERATED AT COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|