PART |
Description |
Maker |
SP385EEA/TR SP385ECA/TR SP385ECT/TR |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sipex Corporation
|
MAX5873 MAX5874 MAX5875 MAX5876 MAX5877 MAX5878 MA |
Quadruple Line Driver 14-CDIP -55 to 125 12位200Msps、高动态性能、双路DAC,CMOS输入 16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs Replaced by SN55189A : Quadruple Line Receiver 14-CDIP -55 to 125 Quadruple Line Driver 14-CFP -55 to 125 Quadruple Line Driver 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
UPD4721 UPD4721GS-GJG UPD4721GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC, Corp. NEC Corp. NEC[NEC]
|
HS0-26C32RH-Q HS1-26C32RH/PROTO |
Quad Differential Line Receiver; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) QUAD LINE RECEIVER, UUC16 Radiation Hardened Quad Differential Line Receiver QUAD LINE RECEIVER, CDIP16
|
Intersil, Corp.
|
HI-8590PST HI-8590PSI HI-8590 |
ARINC 429 LINE DRIVER AND LINE RECEIVER ARINC 429 LINE DRIVER AND DUAL RECEIVER
|
HOLTIC[Holt Integrated Circuits]
|
74HC244DTR2G 74HC244 |
Octal 3−State Noninverting Buffer/Line Driver/Line Receiver
|
ON Semiconductor
|
IN74LS244 IN74LS244DW |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
|
IK Semicon Co., Ltd
|
MC74HC541 MC74HC541A MC74HC541ADW MC74HC541ADWR2 M |
Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
|
ONSEMI[ON Semiconductor]
|
MC74HC244ADT MC74HC244ADW MC74HC244AN |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
|
Motorola, Inc
|
MC74HC244ASD MC54HC244AJ |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
|
Motorola, Inc
|
74HC244A |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
|
Motorola
|
MC74HC240AN MC74HC240ADW MC74HC240ADT |
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
|
Motorola
|