PART |
Description |
Maker |
ULS2822J ULS2822L ULS2025L ULS2025J ULS2003J ULS20 |
Single buffer (open drain) Single 2-input open drain NAND gate ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 逻辑IC Single 2-input AND gate 单两输入与门 Single exclusive OR gate EMI FILTER WITH ESD PROTECTION - (ASD) LNB supply and control voltage regulator (parallel interface) N - channel 100 V - 0.33 " - 2 A - SOT-223 STripFET™ Power MOSFET Single 2-input OR gate Single 2-input NAND gate TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE Single bus buffer (3-state) Single inverter (open drain) Single Schmitt inverter ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
|
U74LVC1G34G-AF5-L U74LVC1G34L-AL5-R U74LVC1G34L-AF |
SINGLE BUFFER GATE
|
Unisonic Technologies
|
74LVC1G125FW4-7 74LVC1G125FZ4-7 |
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
|
Diodes Incorporated
|
74LVC1G126Z-7 74LVC1G126FW4-7 |
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
|
Diodes Incorporated
|
74LVC1G125FZ4-7 74LVC1G125FS3-7 74LVC1G125Z-7 |
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
|
Diodes
|
U74AHC1G125G-AL5-R U74AHC1G125G-AF5-R U74AHC1G125L |
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
|
Unisonic Technologies
|
NLU1GT126CMX1TCG NLU1GT126AMX1TCG |
Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs Single Non-Inverting Buffer, 3-State, TTL Input 1G SERIES, 1-INPUT NON-INVERT GATE, DSO6
|
ON Semiconductor
|
NL17SZ126 NL17SZ126-D NL17SZ126DF |
LOGIC GATE|BUFFER|CMOS|TSSOP|6PIN|PLASTIC 逻辑门|缓冲区|的CMOS | TSSOP封装| 6针|塑料 Non-inverting 3-State Buffer
|
Micron Technology, Inc. ON Semiconductor
|
5962F9863101VXC ACS30K ACS21D ACS30KMSR-03 ACS21K |
Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, CDFP14 Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, UUC11 RES, NETWORK SMT 100R 5% 1/16W 25V, 0603X4 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
IDT5T9050PGI IDT5T9050 |
2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFERJR 2.5V的单数据传输速率1:5时钟缓冲器TERABUFFER⑩JR 2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER⑩ JR 2.5V Single Data Rate 1:5 Clock Buffer Terabuffer Jr.
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|