PART |
Description |
Maker |
WTN9435 |
Surface Mount P-Channel Enhancement Mode Power MOSF ET
|
Weitron Technology
|
HUFA75631P3 HUFA75631S3ST |
33A, 100V, 0.040 Ohm, N-Channel, UltraFETPower MOSFETs 33A/ 100V/ 0.040 Ohm/ N-Channel/ UltraFET Power MOSFETs 33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs 33 A, 100 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs 33 A, 100 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
FQI9N25 FQB9N25 FQB9N25TM |
250V N-Channel QFET 250V N-Channel MOSFET(漏源电压50V的N沟道增强型MOSFET) 9.4 A, 250 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFP250 |
N-CHANNEL MOSFET0 N-CHANNEL 200V - 0.073ohm - 33A TO-247 PowerMesh II MOSFET N-CHANNEL 200V 0.073 OHM 33A TO-247 POWERMESH II MOSFET
|
??????浣? 意法半导 ST Microelectronics
|
IRC644 |
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFP250 FN2330 |
33A, 200V, 0.085 Ohm, N-Channel Power MOSFET From old datasheet system
|
Intersil
|
IRFP244 IRFP245 IRFP246 IRFP247 |
15A and 14A 275V and 250V 0.28 and 0.34 Ohm N-Channel Power MOSFETs (IRFP244 / IRFP245 / IRFP246 / IRFP247) N-Channel Power MOSFETs 15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs 15 A, 250 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
APT8020JLL |
Power MOS 7TM is a new generation of low loss/ high voltage/ N-Channel enhancement mode power MOSFETS. POWER MOS 7 800V 33A 0.200 Ohm
|
Advanced Power Technology
|
IRF634B IRFS634B IRF634BFP001 |
250V N-Channel B-FET / Substitute of IRF634 & IRF634A 250V N-Channel MOSFET
|
Samsung semiconductor FAIRCHILD[Fairchild Semiconductor]
|
IRFR224 IRFU224 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A) HEXFET? Power MOSFET
|
International Rectifier
|
|