PART |
Description |
Maker |
AD8067 AD8067ART AD8067ART-R2 AD8067ART-REEL AD806 |
High Gain Bandwidth Product Precision FastFET™ Op Amp High Gain Bandwidth Product Precision FastFET?Op Amp High Gain Bandwidth Product Precision Fast FET Op Amp High Gain Bandwidth Product Precision Fast FET⑩ Op Amp
|
AD[Analog Devices]
|
AD8067 |
High Gain Bandwidth Product Precision Fast FET?Op Amp
|
Analog Devices
|
2SC4173 |
High gain bandwidth product: fT=200MHz min.Collector-base voltage VCBO 60 V
|
TY Semiconductor Co., Ltd
|
2SA1607 |
Fast switching speed. High gain-bandwidth product. Low saturation voltage.
|
TY Semiconductor Co., Ltd
|
MCP619-I/P MCP619-I/SL MCP619-I/ST MCP617-I/MS MCP |
The MCP619 quad operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP617 dual operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP618 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ... The MCP616 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ...
|
Microchip
|
MCP6021 MCP6024 MCP6022 MCP6024T-I_ST MCP6021-E_P |
The MCP6022 dual operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6021 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... The MCP6024 quad operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6023 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... Rail-to-Rail Input/Output 10 MHz Op Amps Rail-to-Rail Input/Output, 10 MHz Op Amps
|
MICROCHIP[Microchip Technology]
|
5962-8978501YA 5962-8978501PC 5962-8978501YC 5962- |
5962-8978501YA · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-8978501PC · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-8978501YC · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-89785022A · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-8978501ZA · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-8978503KPC · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-8978503KYA · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-8978503KPA · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-8978503KZA · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-8978501PA · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-9800201KFC · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 5962-8981001PA · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 6N140A/883B · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers 8302401FC · Hermetically Sealed Low IF Wide Vcc High Gain Optocouplers
|
Agilent (Hewlett-Packard)
|
AD8036 AD80362000 5962-9559701MPA |
Unity Gain Stable - Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
|
Analog Devices
|
IDTQS3VH861 IDTQS3VH861PA IDTQS3VH861Q QS3VH861Q8 |
2.5V/3.3V 10-Bit Flow-Through Pin Out, High Bandwidth Switch for Hot Swap Applications (HotSwitch) QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT FLOWTHROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
|
IDT Integrated Device Technology
|
C10508-01-15 |
Variable gain, stable detection even at high gain
|
Hamamatsu Corporation
|
MGA-30889-BLKG |
Flat Gain High Linearity Gain Block
|
AVAGO TECHNOLOGIES LIMITED
|
LD7126 LD7126SERIES |
DBS-Band, 2.0KW/2.4KW Klystrons for Communications 17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN 17 GHz BAND / 2.0 kW/2.4 kW / HIGH EFFICIENCY / HIGH POWER GAIN
|
NEC[NEC] NEC Corp.
|