PART |
Description |
Maker |
SD200-510-0630G |
RDM STRAIGHT PLUG CABLE TERMINATED, RF CONNECTOR, PLUG Body : Brass Per Astm B16
|
Winchester Electronics Corporation Winchester Electronics Corp...
|
270-910-0630C |
RDM STRAIGHT PLUG
|
Winchester Electronics ...
|
01220 |
RDM THREACED PLUG
|
Winchester Electronics ...
|
SD260-910-1073G |
RDM STRAIGHT PLUG
|
Winchester Electronics Corporation Winchester Electronics Corp...
|
260-510-1410G |
RDM PLUG ASSEMBLY WITH CAPTIVE CENTER CONTACT
|
Winchester Electronics Corp...
|
260-910-0631G |
RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
|
Winchester Electronics Corp...
|
51426-2 |
SHV; SAFE HIGH VOLTAGE PLUG ( AMP )
|
Tyco Electronics
|
EDI8F32259C EDI8F32259C-MM EDI8F32259C-MN EDI8G322 |
256Kx32 Static RAM CMOS, High Speed Module(256Kx8 CMOS高速静态RAM模块) High Speed, Single Channel, Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SRAM模块
|
White Electronic Designs Corporation
|
M38C35E6AXXXFP M38C31M1AXXXFS M38C32M8AXXXFP M38C3 |
Replaced by TLV320AIC22C : Dual VOIP Codec 48-LQFP -40 to 85 Replaced by TLV320AIC14K : Low-Power Mono Voice Band CODEC 30-TSSOP -40 to 85 Single 1.8V RRIO, 8MHz Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯CMOS微机 DIODE SWITCHING SINGLE 240V 225mA-Io 200mW 50ns-trr SOD-323 3K/REEL 单芯位CMOS微机 Quad 1.8V RRIO, 8MHz Amplifier 14-SOIC -40 to 125 单芯位CMOS微机 Replaced by TLV320AIC20K : Low-Power Stereo Voice Band CODEC 48-TQFP 0 to 70 单芯位CMOS微机 Replaced by TLV320AIC14K : Low-Power Mono Voice Band CODEC 30-TSSOP 0 to 70 单芯位CMOS微机 Dual 1.8V RRIO, 8MHz Amplifier 8-PDIP -40 to 125 单芯位CMOS微机 Quad 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 16-SOIC -40 to 125 单芯位CMOS微机 11-uA/Channel, 160kHz, RR-Out Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Single 1.8V RRIO, 8MHz Amplifier 5-SOT-23 0 to 70 单芯位CMOS微机 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -55 to 125 单芯位CMOS微机 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 GT 5C 2#12,3#16 PIN PLUG 单芯位CMOS微机 GT 7C 7#8 SKT PLUG 单芯位CMOS微机 Low-Power Stereo CODEC with HP Amplifier 80-BGA MICROSTAR JUNIOR -40 to 85 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 10-MSOP 0 to 70 单芯位CMOS微机 11-uA/Channel, 160kHz, RR-Out Op Amp 8-SOIC 0 to 70 单芯位CMOS微机 11-uA/Channel, 160kHz, RR-Out Op Amp 5-SOT-23 -40 to 125 单芯位CMOS微机 GT 9C 6#12 3#8 PIN PLUG GT 3C 3#8 SKT PLUG Quad 1.8V RRIO, 8MHz Amplifier with Shutdown 16-SOIC -40 to 125 Dual 1.8V RRIO, 8MHz Amplifier 8-SOIC 0 to 70 11-uA/Channel, 160kHz, RR-Out Dual Op Amp 8-SOIC -40 to 125 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 10-CFP -55 to 125 CAC 2C 2#12 SKT PLUG CAC 1C 1#4 PIN PLUG SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Semiconductor Renesas Electronics, Corp. Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Sem...
|
222-010-0046G |
20 AMP RIGHT ANGLE POWER PLUG
|
Winchester Electronics ...
|
AD8040AR-REEL7 AD8040ARU-REEL7 AD8030ARJ-R2 AD8029 |
Low Power/ High Speed Rail-to-Rail Input/Output Amplifier Circular Connector; No. of Contacts:22; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-35 RoHS Compliant: No Circular Connector; No. of Contacts:13; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:10-35 RoHS Compliant: No Low-Power High-Speed Rail-to-Rail Input/Output Op-Amp; Package: SOIC; No of Pins: 8; Temperature Range: Industrial OP-AMP, 6000 uV OFFSET-MAX, PDSO8 Low Power, High Speed Rail-to-Rail Input/Output Amplifier DUAL OP-AMP, 6000 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|