PART |
Description |
Maker |
NDP128-002-BF NDP128-004-BF NDP100-002-BF NDP100-0 |
90° 180° Solder Dip Plug (1.27mm Pitch) 90掳 180掳 Solder Dip Plug (1.27mm Pitch) 90隆? 180隆? Solder Dip Plug (1.27mm Pitch)
|
Yamaichi Electronics Co., Ltd.
|
Y15-24S5 Y15-24-12 Y15-48-15 Y15-24-15 Y15-48S5 Y1 |
KIT FOOT FOR 28-SOIC KIT DEVELOPMENT PSOC EXPRESS KIT USB DEVELOPMENT BOARD PSOC PROGRAM BOARD MCU 48-SSOP MCU EMULATOR POD FOR 28-SSOP 2K x 8 Static RAM 3.3V Zero Delay Buffer KIT FOOT FOR 8-SOIC KIT FOOT FOR 20-SSOP HOTLink® Transmitter/Receiver 4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores KIT FOOT FOR 44-TQFP 模拟IC Analog IC 模拟IC MCU PSOC EMU POD FOR ALL SSOP PK 模拟IC PSOC EMU POD FEET FOR 20-DIP
|
TE Connectivity, Ltd.
|
AM60037-6 AM60037-5 69011-0026 69011-2006 69011-10 |
90075 PHONE PLUG ARBOR PRESS PHONE PLUG TOOLING ADAPT. KIT FOR 60026 PRESS
|
Molex Electronics Ltd.
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
5-1479184-1 5-1479184-3 5-1479184-2 5-1479184-4 |
KIT, 8 POSITION, MODULAR PLUG, STRANDED WIRE, CATEGORY 6
|
Tyco Electronics
|
1-1825059-8 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04STTR04=DIP S,FLUSH,SMT-GW ( Tyco Electronics )
|
Tyco Electronics
|
747516-1 747516-2 747516-3 747516-4 747516-5 74751 |
KIT, PLUG, SHIELDING HARDWARE, SIZE 1, 9 POSN, HDE-20, AMPLIMITE
|
List of Unclassifed Manufacturers ETC
|
17-300420 17-300430 17K1A303 |
IP67 Industrial Duplex LC Plug Protective Cover Assembly Kit
|
CONEC Elektronische Bauelemente GmbH
|
ATS-51250D-C1-R0-17 |
Comes preassembled with high performance, phase changing, thermal interface material
|
Advanced Thermal Soluti...
|
A11A08BT1 A11A16BT1 A11A A11A08BG1 A11A08BS1 A11A1 |
DIP PLUG PICH 2.0mm
|
DBLECTRO[DB Lectro Inc]
|