PART |
Description |
Maker |
SCHURTERINC-1241.6612.1110000 1241.6631.1110000 12 |
Vandal Resistant Pushbutton Switch; Circuitry:SPST-NO SPST-NC; Switch Operation:(On); Contact Current Max:0.1A; Approval Categories:IP 67 Degree of Protection, IK 07 Shock Resistance according To DIN EN 50102
|
SCHURTER INC
|
M41T80 |
Vandal Resistant Pushbutton Switch; Illumination:Illuminated; Actuator Style:Round; Actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push to Make; Switch Terminals:Screw; Contact Current Max:50mA
|
意法半导
|
1T405 |
Vandal Resistant Pushbutton Switch; Illumination:Illuminated; Actuator Style:Round; Actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push to Make; Switch Terminals:Solder Lug; Contact Current Max:50mA Variable Capacitance Diode
|
SONY[Sony Corporation]
|
MA106.C.LB.001 |
UV and vandal resistant PC housing
|
Taoglas antenna solutio...
|
37F1-BC2-AP1 37F1-AB2-AC1 |
Fully Sealed Virtually Indestructible Vandal Resistant Indoor and Outdoor Use
|
Grayhill, Inc
|
MPD031 |
Stainless Steel Low Profile Vandal Resistant - Momentary - Double Pole
|
Elektron Components Ltd.
|
PV6F240NSG-201 PV6F240NSG-211 PV6F240NSG-221 PV6F2 |
Vandal and Water Resistant, Long Life Expectancy CONTACT RESISTANCE: 50mOHM Max.
|
http:// E-SWITCH
|
MA111CLB001 MA111.C.LB.001 |
MA.111 Ultima Series ?2in1 Super Low Profile Combination GPS/GLONASS and Penta Band Cellular Antenna Screw-mount UV and vandal resistant ABS housing and thread
|
List of Unclassifed Manufacturers Taoglas antenna solutio...
|
KM1202A05BE KM120205BE KM12A05BE KM1205BE M1101RR0 |
Subminiature Pushbutton Switches PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.25A, 125VDC, THROUGH HOLE-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
HP11D3SW221 HP11S1SW110 |
PUSHBUTTON SWITCH, MOMENTARY, 0.01A, 5VDC, PANEL MOUNT-THREADED Hall Effect Pushbutton Switch
|
C & K COMPONENTS INC C&K Components
|
FP11SPC1B1TP FP11SPC1B1TP00 FP11SPB1TP FP11SPB1TP0 |
Sealed Ultra Miniature Pushbutton Switches PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 28VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 28VDC, THROUGH HOLE-RIGHT ANGLE
|
C&K Components C & K COMPONENTS INC
|
F2UTB01AMAUB FOATB01AMAUB F2UOATBMAUB CAMPKCOMPONE |
Pushbutton Switches PUSHBUTTON SWITCH, 10PDT, LATCHED, 0.5A, 30VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, 4PDT, LATCHED, 0.5A, 30VDC, THROUGH HOLE-RIGHT ANGLE
|
C&K Components C & K COMPONENTS INC
|