PART |
Description |
Maker |
SPC564A74L7CFAY SPC564A74B4CFAY SPC564A80B4CFAY SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
SPC560B40L3B4E0X SPC560B50L1B4E0X SPC560B50L1B4E0Y |
32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
ST Microelectronics
|
TWR-PXD20 |
32-bit Power Architecture? MCU for Quality Industrial Display Solutions
|
Freescale Semiconductor, Inc
|
SPC560P60L3 |
32-bit Power Architecture? based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
|
STMicroelectronics
|
MPC5604B MPC5604B10 MPC5604C MPC5603BF1CLL4 MPC560 |
32-bit MCU family built on the Power Architecture for automotive MICROCONTROLLER, PQFP100 MICROCONTROLLER, PQFP64
|
Freescale Semiconductor, Inc FREESCALE SEMICONDUCTOR INC
|
AT91SAM7L128 AT91SAM7L128PRE AT91SAM7L64 AT91SAM7L |
numberHigh-performance 32-bit RISC Architecture MCU ARM7 64K HS FLASH 128-LQFP 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP128
|
ATMEL Corporation Atmel, Corp.
|
ST62P25C ST6225C ST6215C ST62P15CM6 ST62T25CM3 ST6 |
(ST62P15C / ST62P25C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGARD. SAFE RESET AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器SAFEGARD。安全复位和28个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
PPXD2005VMM80R MPXS2010VMM80 PXS20PB PPXR2005VLQ12 |
32-bit Power Architecture? Microcontrollers for Highly Reliable
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
PPXD4040VVU264R PPXD4030VVU264R PXR40PB SPXS4030VV |
32-bit Power Architecture? Microcontrollers for Real-Time Applications
|
Freescale Semiconductor, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
SPC564L54L5 |
32-bit Power Architecture? microcontroller for automotive SIL3/ASILD chassis and safety applications
|
STMicroelectronics
|
ST62P30BB6 ST6230B ST62P30BB1 |
IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. A/D CONVERTER. 16-BIT AUTO-RELOAD TIMER. EEPROM. SPI. UART AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。的A / D转换器16位自动重加载定时器EEPROM中。的SPIUART8个引
|
Cypress Semiconductor, Corp.
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
|