PART |
Description |
Maker |
LNBTVS4-222S LNBTVS4-220 LNBTVS4-221 |
3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 1800 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201 2000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
STMICROELECTRONICS
|
PIP208 PIP8.4H2 PHP8.4H2 PIP208H1 PHP8.4H1 PIP8.4H |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, PIP, 2 PIN 7500 W, UNIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, PIP, 2 PIN 7500 W, UNIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED, GLASS, PHP, 2 PIN
|
ProTek Devices Microsemi, Corp.
|
P6KE20A P6KE P6KE200 P6KE18 P6KE100A P6KE82 P6KE33 |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Power Amplifier Driver 32-VQFN -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
RECTRON[Rectron Semiconductor] Shanghai Sunrise Electronics
|
TFMCJ65A TFMCJ90A TFMCJ TFMCJ10 TFMCJ100 TFMCJ100A |
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB MILL 3 XD26; 16/10 24VDC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
RECTRON[Rectron Semiconductor] http://
|
STD5KB9.0 STD5KA8.0 STD5KB30 STD5KA40 STD5KA30 STD |
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-5
|
Solid States Devices, Inc http:// SOLID STATE DEVICES INC Solid States Devices, I...
|
BZW04P15B/4F BZW04-23B/70 BZW04-8V5B/56 BZW04P64B/ |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL DIODE 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL, PLASTIC, DO-41, 2 PIN, Transient Suppressor
|
VISHAY SEMICONDUCTORS
|
TGL41-6.807 TGL41-520 TGL41-68 TGL41-10 TGL41-100A |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
Diotec Semiconductor AG
|
BZW06-171 BZW06-5V807 BZW06-58 BZW06-85 BZW06-8V5 |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
Diotec Semiconductor AG
|
PSMDA05-1807 PSMDA05-18-T13 PSMDA05-18 PSMDA05-18- |
STANDARD CAPACITANCE TVS ARRAY 200 W, UNIDIRECTIONAL, 18 ELEMENT, SILICON, TVS DIODE
|
PROTEC[Protek Devices]
|
SM20M05-18-T13 |
STANDARD CAPACITANCE TVS ARRAY 200 W, UNIDIRECTIONAL, 18 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
SMBJ85CA-13 SMBJ150A-13 |
TVS BI-DIR 85V 600W SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes, Inc. DIODES INC
|
|