PART |
Description |
Maker |
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
FAR-F6CE-1G9600-L2XB FAR-F6CE-1G9600-L2XB-U FAR-F6 |
1 FUNCTIONS, 2441.8 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 2484 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER SWITCH SW DIP 5 5POS Aluminum Snap-In Capacitor; Capacitance: 3300uF; Voltage: 50V; Case Size: 22x35 mm; Packaging: Bulk Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Mini-Circuits Fujitsu Limited http:// Fujitsu Component Limited.
|
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
AF10-24D-80M-FN15-091 AF10-12D-110M-FN15-491 AF10- |
1 FUNCTIONS, 80 MHz, 12 kHz BW(delta f), CRYSTAL FILTER 1 FUNCTIONS, 110 MHz, 6 kHz BW(delta f), CRYSTAL FILTER 1 FUNCTIONS, 50 MHz, 6 kHz BW(delta f), CRYSTAL FILTER 1 FUNCTIONS, 60 MHz, 6 kHz BW(delta f), CRYSTAL FILTER 1 FUNCTIONS, 70 MHz, 6 kHz BW(delta f), CRYSTAL FILTER 1 FUNCTIONS, 80 MHz, 6 kHz BW(delta f), CRYSTAL FILTER
|
NIHON DEMPA KOGYO CO LTD
|
XF-107A XF-9NB XF-9B11 XF-9B10 XF-9B01 |
10.7 MHz Standard Series Discrete Crystal Filter(10.7 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 10.7 MHz, 6 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 9 MHz, 0.125 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 8.9985 MHz, 0.6 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 9 MHz, 0.6 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz???????f?浣?护娉㈠?)
|
Vectron International, Inc.
|
B39389-G1962-M100 G1962M |
IF Filter for Intercarrier Applications 38,90 MHz 1 FUNCTIONS, 38.9 MHz, SAW-VIDEO/SOUND FILTER
|
EPCOS AG
|
SAWFD1G84CN0F00R14 SAWFD1G84CN0F00R12 |
2 FUNCTIONS, 1842.5 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
SAFEA1G84FA0F00 |
1 FUNCTIONS, 1842.5 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
SF1062A |
1 FUNCTIONS, 211 MHz, SAW FILTER
|
RF MONOLITHICS INC
|
B39162-B4031-Z810 |
1 FUNCTIONS, 1575.42 MHz, SAW FILTER
|
EPCOS AG
|
B39202-B7727-B610 |
1 FUNCTIONS, 1960 MHz, SAW FILTER
|
EPCOS AG
|
SAFEA942MFR0F00R12 |
1 FUNCTIONS, 942.5 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
|