PART |
Description |
Maker |
RHFXH162245K03V |
Rad-Hard 16-bit Transceiver 3-state Non Inverting
|
ST Microelectronics
|
IRHF7330SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 娌?? ???浠舵?搴?Rad Hard HEXFET????朵?绠々
|
International Rectifier
|
HS-22620RH HS-2620RH HS-2622RH |
Op Amp, Dual, Wideband, High Input Impedance Uncompensated, 100MHz, 20V/s, Rad-Hard Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 500MΩ Input Impedance Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 65MΩ Input Impedance
|
Intersil
|
RHF1201KSO-01V RHF1201KSO1 RHF1201KSO2 RHF1201 |
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
|
STMicroelectronics
|
AT697E-2H-E AT697E-2H-SV AT697E-KG-E AT697E-KG-MQ |
Rad-Hard 32 bit SPARC V8 Processor
|
ATMEL Corporation
|
M54HC75 M54HC75D M54HC75D1 M54HC75F1R M54HC75K M54 |
RAD HARD 4 BIT D TYPE LATCH
|
STMICROELECTRONICS[STMicroelectronics]
|
RHF1401 RHF1401KSO-01V RHF1401KSO1 RHF1401KSO2 |
Rad-hard 14-bit 20Msps 85mW A/D converter
|
STMicroelectronics
|
TSC695F-25SASB |
Rad-Hard 32-bit SPARC Embedded Processor
|
Atmel Corp.
|
M54HC163 M54HC16304 M54HC163D1 M54HC163K M54HC163K |
RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
|
ST Microelectronics STMicroelectronics
|
IRHF7310SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 沟道 单事件效Rad Hard HEXFET技术晶体管)
|
International Rectifier
|
TSC695FL TSC695FL-15MA TSC695FL-15MA-E TSC695FL-15 |
Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
|
ATMEL Corporation
|