PART |
Description |
Maker |
2N5655 2N5656 2N5657 |
Power 1A 350V NPN POWER TRANSISTORS NPN SILICON Plastic NPN Silicon High-Voltage Power Transistor
|
ONSEMI[ON Semiconductor]
|
MJ16010 MJ16012 MJW16012 MJW16010 ON1985 |
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE NPN SILICON POWER TRANSISTORS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
BC818-16 BC818-25 BC818-40 Q62702-C1740 Q62702-C15 |
NPN Silicon AF Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistors BC 817 From old datasheet system
|
Diotec Semiconductor AG SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
2N6497 2N6498 |
POWER TRANSISTORS NPN SILICON High Voltage NPN Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N6388 2N6387 |
DARLINGTON NPN SILICON POWER TRANSISTORS Plastic Medium-Power Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
BUX48A BUV48A BUV48AFI BUX48 |
HIGH POWER NPN SILICON TRANSISTORS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated HIGH POWER NPN SILICON TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2N6338 2N6339 2N6341 2N6340 2N6338-D |
High-Power NPN Silicon Transistors POWER TRANSISTORS NPN SILICON
|
ONSEMI[ON Semiconductor]
|
2N5682 2N5681 2N5681SMD |
100V Vce, 1A Ic, 30MHz NPN bipolar transistor NPN SILICON TRANSISTORS Expitaxial Planar NPN Transistors In jedec TO-39 Metal Case(大功率、外延平面NPN晶体管(TO-39金属封装,用于通用、放大器、开关电路))
|
SEME-LAB[Seme LAB] Semelab(Magnatec)
|
MJE2955T |
Silicon NPN Power Transistors Silicon PNP Power Transistors MJE2955T Silicon PNP Power Transistors MJE2955T
|
Savantic, Inc.
|
2SA1402 2SC3596 2SC3596-F |
Si, NPN, RF POWER TRANSISTOR, TO-126 PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|