PART |
Description |
Maker |
GD1SS356 |
The GD1SS356 is designed for high frequency switching application.
|
E-Tech Electronics LTD
|
H5120NL H5120NLT |
1000base -t magnetics module Designed to Support Gigabit Transceivers 1000base -t magnet ics module Designed to Support Gigabit Transceivers
|
Pulse A Technitrol Company
|
MCP809 MCP809T-270I_TT MCP809T-300I_TT MCP809T-315 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP809 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP810 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP810 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP809 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
|
Microchip Technology Inc.
|
P1602ABLXX P0602ABLXX P3002AALXX P3002ABLXX P3002A |
The SIDACtor庐 Series Modified TO-220 are designed to protect baseband The SIDACtor? Series Modified TO-220 are designed to protect baseband
|
Littelfuse
|
KIC9321F-005 |
CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系统FM/MW/LW波段调谐的CMOS大规模集成电 CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系FM/MW/LW波段调谐的CMOS大规模集成电 的CMOS大规模集成电路设计调中波/龙运的锁相环频率合成系统的无线电(用于锁相环频率合成系统调频/中波/龙运波段调谐的的CMOS大规模集成电路)
|
KEC Holdings
|
P0080SAMCLRP P0300SAMCLRP P2100SCMCLRP P0300SCMCLR |
MC Series DO-214 are low capacitance SIDACtor庐 devices designed to protect MC Series DO-214 are low capacitance SIDACtor? devices designed to protect
|
Littelfuse
|
PBF-1206-22 PBF-1201 PBF-1201-22 PBF-1202-22 PBF-1 |
Equipment Designed to Conform EMI Regulations Such As VCCI/CISPR/FCC/VDE/etc Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc KPTC 8C 8#20 SKT PLUG
|
http:// LAMBDA[DENSEI-LAMBDA]
|
HFBR-2505C HFBR-1505A HFBR-2505A HFBR-1505C HFBR-1 |
HFBR-2515B · Fiber Optic Receiver for PROFIBUS Applications HFBR-1515B · Fiber Optic Transmitter for PROFIBUS Applications HFBR-0539 · Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd HFBR-2505A · Fiber Optic Receiver for SERCOS Applications HFBR-1505A · Fiber Optic Transmitter for SERCOS Applications HFBR-0540 · Evaluation Kit designed for SERCOS applications that operate up to 10MBd HFBR-2505C · Fiber Optic Receiver for INTERBUS-S Applications HFBR-1505C · Fiber Optic Transmitter for INTERBUS-S Applications HFBR-0538 · Evaluation Kit designed for INTERBUS-S applications that operate at 500kB and 2MBd Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications Fiber Optic Receiver for INTERBUS-S Applications Fiber Optic Transmitter for INTERBUS-S Applications Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd 评估板用于PROFIBUS的应用而设计,经营2MBd Fiber Optic Transmitter for INTERBUS-S Applications 光纤变送器的INTERBUS - S应用
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Coilcraft, Inc. Avago Technologies, Ltd.
|
7343_G1C2-ASVAMS 7343_G1C2-ASVA_MS 7343_G1C2-ASVA_ |
Specially designed for applications
|
Everlight Electronics Co., Ltd
|
SG405 |
Custom designed actuator is available
|
KODENSHI KOREA CORP.
|
7344-B2T3-AMQB 7344/B2T3-AMQB |
Specially designed for applications
|
Everlight Electronics Co., Ltd
|