PART |
Description |
Maker |
CQ218I-25DLEADFREE CQ218I-25NLEADFREE CQ218I-40MLE |
400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 25 AMP TRIAC 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 ISOLATED TAB TRIAC 6.0AMP, 200 THRU 800 VOLTS 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 25 AMP TRIAC 200 THRU 800 VOLTS 400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 200 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CQ220-8B CQ220-8D CQ220-8M CQ220-8N |
8.0 AMP TRIAC 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
TIC226D |
400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
BOURNS INC
|
MAC218A10FP MAC218-10FP MAC218-6FP MAC218-4FP MAC2 |
ISOLATED TRIACs THYRISTORS 8 AMPERES RMS 200 thru 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
T2500NFP T2500BFP T2500DFP T2500FP T2500MFP |
SPST to 4PST Slide DIP Switches 隔震可控硅晶闸管6安培RMS00通过800 ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
BT134W BT134W-500 BT134W-500F BT134W-500G BT134W-6 |
5541231100 WITH 5650211 RoHS Compliant: Yes 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs 800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC 5541231100 WITH 5650411 RoHS Compliant: Yes Transient Voltage Suppressor Diodes Triacs logic level Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BT136M BT136M-500E BT136M-600E BT136M-800E BT136S- |
Transient Voltage Suppressor Diodes 双向敏感 Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE: ZENER 5.6V DUAL COMMON ANODE Triacs sensitive gate
|
NXP Semiconductors N.V. Philips Semiconductors
|
BTA201W08 BTA201W-600E BTA201W-800E |
1 A Three-quadrant triacs high commutation Logic level three-quadrant triac BTA201W-600E<SOT223 (SC-73)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,; Logic level three-quadrant triac BTA201W-800E<SOT223 (SOT223)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
BT136-500D BT136-600D BT136SERIESD |
Triacs logic level 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V. Philips Semiconductors
|
|