PART |
Description |
Maker |
7812SR 7812SRH 7805SRH 7805SR 7803SRH 7803SR DMS-7 |
3.3V/5V/12V outputs high-Efficiency switching regulators with LM78XX pinouts 3.3/输出高效率开关稳压器lm78xx引脚 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78XX Pinouts
|
Electronic Theatre Controls, Inc. ETC[ETC] Datel
|
MIC24051YJL |
12V, 6A High-Efficiency Buck Regulator
|
Micrel Semiconductor
|
MIC24053YJL |
12V, 9A High-Efficiency Buck Regulator
|
Micrel Semiconductor
|
MAX766C_D MAX766CPA MAX766CSA MAX766EPA |
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
|
Maxim Integrated Products
|
RT8130B |
12V High Efficiency Synchronous Buck PWM Controller
|
Richtek Technology Corp...
|
MAX1771 |
12V or Adjustable / High-Efficiency / Low IQ / Step-Up DC-DC Controller
|
Maxim
|
CHL8510 CHL8510CRT IR3537MPBF |
12V High Efficiency MOSFET Driver with Variable Gate Drive
|
International Rectifier
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|