PART |
Description |
Maker |
MAX764 MAX764CPA MAX764CSA MAX764EPA MAX764ESA MAX |
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters 1.5 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8 -5V/-12V/-15V or Adjustable / High-Efficiency / Low IQ DC-DC Inverters From old datasheet system -5V/-12V/-15V or Adjustable High-Efficiency Low IQ DC-DC Inverters
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
HMMC-3024 |
DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-4 Prescaler(DC-12 GHz 高效砷化镓HBT单片微波集成电路定标 DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-4 Prescaler(DC-12 GHz 高效砷化镓HBT单片微波集成电路4定标
|
Agilent(Hewlett-Packard)
|
NTJS3151P |
Trench Power MOSFET 12V, 3.3A, Single P Channel, ESD Protected SC88(12V, 3.3A, 功率MOSFET) 12V的功率MOSFET.3A,单P通道,ESD保护SC8812V的,3.3A,功率MOSFET的)
|
ON Semiconductor
|
ES0012 |
High Power Switch 4 GHz to 8 GHz
|
Micronetics, Inc.
|
EL0037 |
High Power Limiters 2.7 GHz to 2.9 GHz
|
Micronetics, Inc.
|
ES0011 |
High Power Switch 2 GHz to 4 GHz
|
Micronetics, Inc.
|
ES0314-50 |
High Power Switch 2 GHz to 18 GHz
|
Micronetics, Inc.
|
IR3537MTR1PBF IR3537MTRPBF CHL8510 CHL8510CRT |
12V High Performance Gate Driver
|
International Rectifier
|
MX28F1000PRC-90-C4 MX28F1000PQC-90-C4 MX28F1000PTC |
128K X 8 FLASH 12V PROM, 90 ns, PDSO32 PLASTIC, REVERSE, TSOP1-32 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 PLASTIC, LCC-32 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 PLASTIC, TSOP1-32 128K X 8 FLASH 12V PROM, 90 ns, PDIP32 0.600 INCH, PLASTIC, DIP-32 128K X 8 FLASH 12V PROM, 150 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
|