PART |
Description |
Maker |
2N999 ST640 ST646 FT359 |
TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 500MA I(C) | CAN TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | DARLINGTON | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|达林顿|进步党| 80V的五(巴西)总裁| 10A条一(c)|3 TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3
|
STMicroelectronics N.V.
|
BCY58-VII BCY58A BCY59-8 BCY59-VII BCY59-VIII BCY5 |
Trans GP BJT NPN 32V 0.2A 3-Pin TO-18 Trans GP BJT NPN 45V 0.2A 3-Pin TO-18
|
New Jersey Semiconductor
|
BDY83 |
Trans GP BJT NPN 100V 10A 3-Pin(2 Tab) TO-3
|
New Jersey Semiconductor
|
2N3502 2N3504 |
Trans GP BJT PNP 45V 3-Pin TO-39 Trans GP BJT PNP 45V 3-Pin TO-18 Box
|
New Jersey Semiconductor
|
BDX84A BDX54 BDX54A BDX54B |
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS Trans Darlington PNP 60V 8A 3-Pin(3 Tab) TO-220
|
New Jersey Semi-Conductor P... New Jersey Semiconductors New Jersey Semi-Conduct...
|
VC-710-DFF-GFM-200.000 VC-710 VC-710-DFC-GFA-125.0 |
CRYSTAL 20.0000 MHZ 18PF SMD 压控晶体振荡 CONNECTOR ACCESSORY 连接器附 Voltage Controlled Crystal Oscillator 压控晶体振荡 RECTIFIER SCHOTTKY DUAL 10A 45V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE 压控晶体振荡 RECTIFIER SCHOTTKY SINGLE 10A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 50V 150A-ifsm 0.95V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 40V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE XTAL CER SMT 6X3.5 2PAD AB 6C 6#16 SKT PLUG
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
MBRB1045T4 |
10A 45V Schottky Rectifier
|
ON Semiconductor
|
SI4820DY-T1 |
Trans MOSFET N-CH 30V 10A 8-Pin SOIC N T/R
|
Vishay Siliconix
|
SD10U45SL |
10A/45V Ultra Low VF Schottky Rectifier
|
Shenzhen Luguang Electronic...
|
2N6724 2N6725 2N6724STOA 2N6724STOB 2N6724STZ |
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Darlington Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
FMMT38A FMMT38B FMMT38C |
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS NPN Darlington Transistor
|
Zetex Semiconductors
|