PART |
Description |
Maker |
AP1702 AP1702AW AP1702AWL AP1702BW AP1702BWL AP170 |
4.63 V, 3-pin microprocessor reset circuit 4.38 V, 3-pin microprocessor reset circuit 3.08 V, 3-pin microprocessor reset circuit TRANSISTOR, JFET N TO-18 RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.45Vf 0.2mA-ir PowerDI-123 3K/REEL JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V; Package/Case:TO-78 3-Pin Microprocessor Reset Circuits 3引脚微处理器复位电路 JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V 3引脚微处理器复位电路 2.93 V, 3-pin microprocessor reset circuit 2.63 V, 3-pin microprocessor reset circuit 4.00 V, 3-pin microprocessor reset circuit
|
ANACHIP[Anachip Corp] ETC[ETC] 复位半导 NEC, Corp. Kingbright, Corp.
|
MAX803EXRT MAX809EXRT MAX810EXRT MAX809EURT MAX810 |
3-Pin Microprocessor Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 3-Pin Microprocessor Reset Circuits
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
63FE 25ET 12CT 71FE 10CT 20CT 40ET 80ET 6CT 56ET 3 |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems 3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Microprocessor Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Low-Power, SPST, Fast, CMOS Analog Switch Dual/Quad RF/Video Switches 1024k NV SRAM with Phantom Clock Single/Dual/Quad, 10MHz Single-Supply Op Amps Fuse 保险
|
Air Cost Control
|
3602-12-72 3650-12-52 3650-05-92 3660-05-92 3660-1 |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
|
Bivar, Inc. Pomona Electronics Xicon Passive Components
|
MAX6712SEXS |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
|
MAXIM - Dallas Semiconductor
|
36-250G 36-250A 36-015A 36-015G 36-050G 36-050A 37 |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Signal Conditioner 信号调理
|
Vishay Intertechnology, Inc.
|
AX6906 |
3-Pin Microprocessor Reset Circuits
|
AXElite
|
APX809-XXSA APX809-XXSR APX809-31SA APX809-46SA AP |
3-PIN MICROPROCESSOR RESET CIRCUITS
|
Diodes Incorporated
|
ACE809LBMH ACE809TBMH ACE809MBMH ACE809JBMH |
3-Pin Microprocessor Reset Circuits
|
ACE Technology Co., LTD.
|
MAX810 |
3-Pin Microprocessor Reset Circuits(3绠¤?寰?????澶???????
|
Maxim Integrated Products, Inc.
|
MAX810 MAX809 MAX809XTR |
3-PIN MICROPROCESSOR RESET MONITORS
|
Estek Electronics Co. Ltd
|