PART |
Description |
Maker |
AT71SM2CL2010-BA0 AT71SM2CL2014-BA0 AT71SM2CL4010- |
CameraLink. Linescan camera. Resolution 2K. Pixels size 10 um. AViiVA M2 CL 2010. CameraLink. Linescan camera. Resolution 2K. Pixels size 14 um. AViiVA M2 CL 2014. CameraLink. Linescan camera. Resolution 4K. Pixels size 10 um. AViiVA M2 CL 4010. CameraLink. Linescan camera. Resolution 1K. Pixels size 10 um. AViiVA M2 CL 1010. CameraLink. Linescan camera. Resolution 512. Pixels size 14 um. AViiVA M2 CL 0514. CameraLink. Linescan camera. Resolution 1K. Pixels size 14 um. AViiVA M2 CL 1014.
|
Atmel
|
FCD4B14 FCD4B14CC FCD4B14CCB AT71-HD20CL1010 AT71- |
500 dpi, 0.4mm x 14 mm Digital Fingerprint Linear Sensor, 2240 Pixels (8 x 280) Image Array, Digital Output (On-chip) Package. Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output AKYLA HD20 CameraLink 1010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD20 CameraLink 1014. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD20 CameraLink 2010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1014. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD25 CameraLink 2010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1014. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 1010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 2010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD40 CameraLink 1014. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 2010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 2048 pixels. Pixel size 10 um.
|
Atmel Corp. ATMEL Corporation
|
AT71-ATM1M30M-B0 AT71-ATM1M60M-B0 1M30 1M60 |
CameraLink Areascan Cameras
|
ATMEL[ATMEL Corporation]
|
CLS551 |
CCD Linescan controller sensor
|
List of Unclassifed Manufacturers ETC[ETC]
|
ICS300-CSV3A ICS300-MA12 ICS300-MA3 ICS300-MA6 ICS |
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING 300系列CamclosureTM摄像系统集成摄像系统,室室外,墙壁或天花 RES,442,1%,0.25W
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers etc
|
NJM2110 |
Monoral Mic Amp.for Video Camera MONAURAL MIC AMP. for VIDEO CAMERA
|
New Japan Radio njr
|
LI-OV5640-USB-72 |
Camera Module
|
LEOPARD IMAGING
|
SAA8122 SAA8122E SAA8122E_C1 SAA8122E/C1 |
Digital Still Camera
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
LI-AR0231-FPDLINKIII-060H LI-AR0231-FPDLINKIII-200 |
SerDes Camera
|
Leopard Imaging Inc.
|
AN2101FH |
For VideoAudio - For Video Camera
|
panasonic
|
MARVIN-5MP |
5 Megapixel Camera Interface
|
Silicon image
|