PART |
Description |
Maker |
EVAL-AD5680EB |
5 V 18-Bit nanoDAC in a SOT-23
|
Analog Devices, Inc.
|
AD5062BRJ-1 AD5063BRM-1 AD5062BRJ-3 AD5040 AD5060 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23 2.7 V-5.5 V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a Sot 23 2.7V-5.5V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a MSOP
|
AD[Analog Devices]
|
AD5621 AD5621AKS AD5621BKS AD5601 AD5601BKS AD5611 |
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 2.7 V.5 V,00联合航空-/10-/12-Bit nanoDAC系列的D / A,SPI接口,SC70封装 2.7 V to 5.5 V, UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 599.54 Kbytes 2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD5660 AD5660ARJ-1 AD5660ARJ-2 AD5660ARJ-3 AD5660B |
3 V/5 V, 16-Bit nanoDAC™ Converter with 10 ppm/°C Max On-Chip Reference in a Sot-23 3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/∑C Max On-Chip Reference in SOT-23 3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/C Max On-Chip Reference in SOT-23
|
AD[Analog Devices]
|
AD5512A AD5542A |
(AD5512A - AD5542A) 16-/12-Bit NanoDAC
|
Analog Devices
|
AD5602 |
2.7 V to 5.5 V, μA, 8-Bit nanoDAC? with I-2C Compatible Interface, Tiny SC70 Package
|
Analog Devices
|
AD5626 |
5 V, 12-Bit nanoDAC?, Serial Interface in MSOP and LFCSP Packages
|
Analog Devices
|
AD5683R |
TINY 12-BIT SPI nanoDAC , WITH 卤1 LSB INL AND 2 ppm/掳C REFERENCE
|
Analog Devices, Inc.
|
AD5643R AD5663R- |
Dual, 14-Bit nanoDAC™ with 5ppm/°C On-Chip Reference in MSOP From old datasheet system
|
Analog Devices
|
AD7999YRJZ-1500RL7 AD7999YRJZ-1RL AD7999-15 |
4-Channel, 8-Bit ADC with I2C Compatible Interface in 8-Lead SOT-23; Package: SOT-23; No of Pins: 8; Temperature Range: Automotive 4-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
|
Analog Devices, Inc.
|
|