PART |
Description |
Maker |
BCM857BS BCM857BV BCM857BV115 BCM857DS135 BCM857DS |
PNP/PNP matched double transistors; Package: SOT457 (SC-74); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors
|
NXP Semiconductors N.V.
|
DTA114EM3T5G DTA144WM3T5G DTA114TM3T5G DTA114YM3T5 |
Digital Transistors (BRT)(数字晶体管(BRT 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors(BRT) Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
BC847BPDW1T1 BC847CPDW1T1 BC848BPDW1T1 BC846BPDW1T |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system Dual General Purpose Transistors(NPN/PNP Duals)
|
ON Semiconductor
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ZXTP23015CFHTA ZETEXSEMICONDUCTOR-ZXTP23015CFH07 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 15V, SOT23, PNP medium power transistor 5000 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
2DB1424R-13 2DB1424R |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
PDTA143Z PDTA143ZE PDTA143ZEF PDTA143ZM PDTA143ZS |
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW PNP resistor-equipped transistors R1 = 4.7 kOhm, R2 = 47 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2N6437 2N6438 2N6437-D |
POWER TRANSISTORS PNP SILICON 25 A, 120 V, PNP, Si, POWER TRANSISTOR, TO-204AA High-Power PNP Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
BC327-16 BC327 BC327-25 BC328-25 BC328 BC328-16 |
Amplifier Transistors(PNP Silicon) Amplifier Transistors(PNP) ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix)
|
MOTOROLA INC ON Semiconductor MOTOROLA[Motorola, Inc] Motorola, Inc.
|
2N4402 2N4403 ON0046 2N4403RLRE |
General Purpose Transistors PNP General Purpose Transistors(PNP Silicon) Motorola Preferred Device From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2SA1882 0177 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1508 2SD2281 |
PNP Epitaxial Planar Silicon Transistors 50V/12A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|