PART |
Description |
Maker |
221-010-00403G |
POWER PC RECEPTACLE 40 AMP
|
Winchester Electronics Corp...
|
SD01307 |
40 AMP POWER RECEPTACLE
|
Winchester Electronics Corporation
|
ISL9214RZ-T ISL9214RZ ISL9214 214Z ISL9214IRZ-T |
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ICL320705 ICL3217IBZ ICL3207 ICL3207CA ICL3207CAZ |
Low Power, 3V To 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
LT1097S8TRPBF |
Low Cost, Low Power Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 130 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8 Low Cost, Low Power Precision Op Amp(浣?环锛?????绮惧?杩???惧ぇ?ī
|
Linear Technology, Corp. Linear Technology Corporation
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
ISL1571IRZ ISL1571IRZ-T7 ISL1571 ISL1571IUEZ ISL15 |
Power Line Communication PLC Power Line Communication (PLC); Temperature Range: -40°C to 85°C; Package: 16-QFN T&R OP-AMP, PQCC16
|
Intersil Corporation Intersil, Corp.
|
39-01-3105 |
10CKT MINFIT RECEPTACLE T 555710RBL 10 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc.
|
AD820AN AD820AN-3V AD820AR AD820AR-3V AD820BN AD82 |
From old datasheet system Single Supply, Rail to Rail Low Power FET-Input Op Amp ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Single Supply/ Rail to Rail Low Power FET-Input Op Amp Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
2-106527-4 2-106527-0 2-106527-2 |
AMP-DUAC (TM) RECEPTACLE HOUSING, 2 TO 24 POSITION AMP- DUAC (TM) RECEPTACLE HOUSING, 2 TO 24 POSITION
|
Tyco Electronics
|