PART |
Description |
Maker |
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP11NB40 STP11NB40FP 5322 |
N-Channel 400V-0.48惟-10.7A- TO-220/TO-220FP PowerMESHTM MOSFET(N娌??MOSFET) N - CHANNEL 400V - 0.48ohm - 10.7A - TO-220/TO-220FP PowerMESH MOSFET From old datasheet system N-Channel 400V-0.48Ω-10.7A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N沟道400V -0.48Ω- 10.7A - TO-220/TO-220FP PowerMESHTM MOSFET的(不适用沟道MOSFET的)
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STP4NC60A STP4NC60AFP STB4NC60A-1 |
N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET 32BIT MCU,GPT,SIM,QSM N沟道600V 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STB8NC50-1 STP8NC50FP STP8NC50 STB8NC50 |
N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N - CHANNEL POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET N沟道500V - 0.7ohm - 8A条TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
STP5NB90 STP5NB90FP 6166 5NB90 STP5NA90 |
N-CHANNEL 900V - 2.3 OHM - 5A - TO-220/TO-220FP From old datasheet system ZENER DIODES N - CHANNEL PowerMESH MOSFET N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET -频道900V - 2.3欧姆- 5A TO-220/TO-220FP PowerMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|
NTP22N06L NTB22N06L NTP22N06L-D |
Power MOSFET 22 Amps, 60 Volts, Logic Level N-Channel TO-220 and D 2 PAK Power MOSFET 22Amps, 60 Volts,Logic Level N-Channel TO-220(22A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 22 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
MTP3055E 3036 MTP3055 |
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET -通道60V 0.1ohm - 12A条,220 STripFET MOSFET N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET N - CHANNEL 60V - 0.1 - 12A TO-220 STripFET TM MOSFET From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BR211-280 BR211 BR211-140 BR211-160 BR211-180 BR21 |
Breakover diodes 314 V, SYMMETRICAL BOD MOSFET N-CH 500V 3A TO-220 MOSFET N-CH 600V 2A TO-220 MOSFET N-CH 1.2KV 3A TO-220AB MOSFET N-CH 500V 1A TO-220
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
STB80PF5506 STP80PF55 |
P-channel 55V - 0.016Ω - 80A - TO-220 - D2PAK STripFET II Power MOSFET P-channel 55V - 0.016楼? - 80A - TO-220 - D2PAK STripFET垄芒 II Power MOSFET P-channel 55V - 0.016ヘ - 80A - TO-220 - D2PAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STP5NK65Z STP5NK65ZFP |
N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET JFET; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:100mA; Gate-Source Cutoff Voltage Max, Vgs(off):-9V; Continuous Drain Current, Id:100mA; Current Rating:100mA; Gate-Source Breakdown Voltage:-25V RoHS Compliant: No N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB6NK90Z STB6NK90ZT4 STP6NK90ZFP STP6NK90Z STW7NK |
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V 1.56 OHM 5.8A TO-220/TO-220FP D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESHPower MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 900V - 1.56ヘ - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STP16NF06L STP60NF06LFP STP16NF06LFP |
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFETII POWER MOSFET N沟道60V 0.07欧姆- 16A条TO-220/TO-220FP STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFETII POWER MOSFET N沟道60V 0.07欧姆- 16ATO-220/TO-220FP STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET?/a> II POWER MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET II POWER MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.07 OHM - 16A TO-220 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|