PART |
Description |
Maker |
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
BOURNS INC Bourns Electronic Solut...
|
39880-0109 39880-0107 39880-0104 39880-0113 MOLEXI |
15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.2"; Wire Size (AWG):30-12; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon); Color:Black; Contact Plating:Tin; Current Rating:15A; Number of Rows:1
|
MOLEX INC
|
08-52-0123 08-65-0816 08-65-0812 08-65-0801 |
Crimp Socket Contact; Wire Size (AWG):30-22; Contact Material:Phosphor Bronze RoHS Compliant: Yes PHOSPHOR BRONZE, TIN (100) FINISH, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):30-22; Contact Material:Phosphor Bronze; Contact Plating:Gold PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 100 Crp Term Std 22-30 Awg SGold PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
0330014022 33001-4022 |
MX150 Female Terminal, Silver (Ag) Plating, 18-20 AWG, Right Reel Payoff, SmallPolarization Rib, Contact Material Thickness 0.30mm (.012) MX150垄芒 Female Terminal, Silver (Ag) Plating, 18-20 AWG, Right Reel Payoff, SmallPolarization Rib, Contact Material Thickness 0.30mm (.012")
|
Molex Electronics Ltd.
|
19013-0005 |
Piggyback Dual Quick-Disconnect; Wire Size (AWG):16-14; Tab Width:0.250"; Insulator Color:Blue; Terminal Insulation:Nylon; Contact Material:Brass; Contact Plating:Tin; Series:19013 Insulkrimp(R); Stud/Tab Size:0.250 x 0.032 2 mm2, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
0330122022 33012-2022 |
MX150 Female Terminal, Tin (Sn) Plating, 18-20 AWG, Right Reel Payoff, LargePolarization Rib, Contact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
0330122023 33012-2023 |
MX150 Female Terminal, Tin (Sn) Plating, 22 AWG, Right Reel Payoff, LargePolarization Rib, Contact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
0340833001 34083-3001 |
MX150 Female Cable Seal Terminal, Tin (Sn) Plating, 14-16 AWG, Left Reel PayoffContact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
34081-5002 0340815002 |
MX150 Female Cable Seal Terminal, Silver (Ag) Plating, 18-20AWG, Left ReelPayoff, Contact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
|