PART |
Description |
Maker |
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
16297 16297-A |
Slim Power Relay, 1 Form A, 6A 250VAC, Silver Alloy Contact HTSNK, B X-FLOW, .4H LOW FLOW, THREADED HTSNK B X-FLOW .4H LOW FLOW THREADED
|
VICOR[Vicor Corporation]
|
AS7C251MFT32_36A AS7C251MFT32A AS7C251MFT32A-10TQC |
2.5V 1M x 32/36 Flow-through synchronous SRAM Sync SRAM - 2.5V High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SO -55 to 125 DIODE ZENER SINGLE 1000mW 20Vz 12.5mA-Izt 0.05 5uA-Ir 15.2Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 30Vz 8.5mA-Izt 0.05 5uA-Ir 22.8Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 39Vz 6.5mA-Izt 0.05 5uA-Ir 29.7Vr DO41-GLASS 5K/REEL High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SOIC -55 to 125 1M X 32 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 32/36 Flow-through synchronous SRAM 1M X 32 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 32/36 Flow-through synchronous SRAM 1M X 32 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 1M x 32/36 Flow-through synchronous SRAM 1M X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 1M x 32/36 Flow-through synchronous SRAM 1M X 36 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 2.5V00万x 32/36流通过同步SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
CS101 |
Standard Cell
|
Fujitsu Limited
|
CS91 |
Standard cell array
|
FUJITSU[Fujitsu Media Devices Limited]
|
S1X70000 |
STANDARD CELL / EMBEDDED ARRAY
|
Epson Company
|
ATC20 |
ATC20 Summary [Updated 9/02. 11 Pages] The ATC20 Cell-based ASIC (CBIC) family features a comprehensive library of 0.21-micron standard logic and I/O The ATC20 Cell-based ASIC (CBIC) family features a comprehensive library of 0.21-micron standard logic and I/O cells designed to operate with a supply voltage of 1.8V /- 0.15V and memory cells compiled to the precise requirements of the d
|
ATMEL Corporation
|
NUCLEO-L053R8 NUCLEO-F411RE NUCLEO-L152RE NUCLEO-F |
Nucleo development board for STM32 L0 series - with STM32L053R8 MCU, supports Arduino STM32 Nucleo development board for STM32 F4 series - with STM32F411RE MCU, 512KB flash memory, TQFP64 package STM32 Nucleo development board with STM32L152RET6 MCU, supports Arduino STM32 Nucleo development board for STM32 F0 series - with STM32F030R8T6 MCU supports Arduino Nucleo development board for STM32 F3 series - with STM32F334R8 MCU,supports Arduino STM32 Nucleo development board for STM32 F4 series - with STM32F401RE MCU, supports Arduino
|
ST Microelectronics
|
AS7C332MFT18A.V1.3 AS7C332MFT18A-85TQIN AS7C332MFT |
3.3V 2M x 18 Flow-through synchronous SRAM 2M X 18 STANDARD SRAM, 10 ns, PQFP100 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
SI9731 |
渭P Controlled Li-ion Battery Charger
Pulse Charges 1 to 3 Cells
Integrated MOSFETs UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries μP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries(用于1节锂电池-3节镍镍镉电池的μP控制的电池充电器)
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
DS2726G |
5-Cell to 10-Cell Li Protector with Cell Balancing; Package: THIN QFN, 32 pin ; Temperature Range: -40°C to 85°C 11-CHANNEL POWER SUPPLY SUPPORT CKT, QCC32
|
Maxim Integrated Products, Inc.
|
CONFIG2 CONFIG0 CONFIG1 DSUMFT311EV |
The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
|
Future Technology Devices International Ltd.
|