PART |
Description |
Maker |
BT236-D BT2.6-D |
600V Vdrm 6A Triac, 1.6V Peak On-State Voltage, 1.0mA Repetitive Peak Off-State Current Sensitive Gate Triacs
|
SEMIWELL[SemiWell Semiconductor]
|
BT134-D |
600V Vdrm 4A Triac, 1.7V Peak On-State Voltage, 0.5mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SEMIWELL[SemiWell Semiconductor]
|
BT137F-600 BT137F |
600V Vdrm 8A Triac, 1.6V Peak On-State Voltage, 1.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SEMIWELL[SemiWell Semiconductor]
|
BT138F-600 BT138F |
600V Vdrm 12A Triac, 1.65V Peak On-State Voltage, 2.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SEMIWELL[SemiWell Semiconductor]
|
BD825-16 BD827-10 BD827-6 BD829-6 |
SCR Thyristor; SCR Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):12A; Peak Non Repetitive Surge Current, Itsm:120A; Gate Trigger Current Max, Igt:20mA SCR Thyristor; SCR Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 1.5A I(C) | TO-202 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1.5AI(丙)|02 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 2A I(C) | TO-202 晶体管|晶体管|叩| 60V的五(巴西)总裁|甲一(c)|202
|
Analog Devices, Inc. HIROSE ELECTRIC Co., Ltd.
|
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|
STK10C68-S30I STK10C68-C30I |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:35mA NVRAM中(EEPROM的基础
|
Cypress Semiconductor, Corp.
|
A29001 A290011T-55 A290011T-70 A290011TL-70 A29001 |
128K X 8 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory 5015 RR 4#12 SKT RECPT 5015 RR 4#12 PIN RECPT SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):25A; Peak Non Repetitive Surge Current, Itsm:350A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):25A; Peak Non Repetitive Surge Current, Itsm:350A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):25A; Peak Non Repetitive Surge Current, Itsm:350A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Current, It av:25A; Forward Current:24A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Current, It av:25A; Forward Current:24A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K的8位CMOS 5.0伏只,引导扇区闪
|
AMIC Technology Corporation AMIC Technology, Corp.
|
CNY-2.S CNY-2-MS CNY-2-MSR2 CNY-2-MSR2V CNY-2-MSV |
Phototransistor Optocouplers Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 2.2 UFD.16WVDC.20%.3216.CASE A.TANT Hook-Up Wire; Conductor Size AWG:20; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Jacket Material:XLPE Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Paired EIA Industrial RS-485 Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER DIP-6 Phototransistor Optocouplers 光电晶体管光电耦合 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER SURFACE MOUNT PACKAGE-6 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:5mA; Current, It av:12A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:10mA; Current, It av:12A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Phototransistor Optocouplers 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation http:// Fairchild Semiconductor, Corp.
|
BF620 BF622 |
Low current (max. 50 mA) High voltage (max. 300 V).peak base current IBM 50 mA
|
TY Semiconductor Co., Ltd
|
ZB4BA131 ZB4BC2 ZB4BK1213 ZB4BK1253 ZB4BP5 ZB4BT4 |
DIODE TVS 8.0V 1500W UNI 5% SMC LED SCHALTER HARMON PILZTASTE 40MM Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:320Vrms; Peak Surge Current @ 8/20uS:10000A; Clamping Voltage 8/20us Max :840V; Capacitance, Cd:750pF; Package/Case:20mm Disc; Capacitance:750pF; Clamping Voltage Max, Vc:840V RoHS Compliant: No VARISTOR MULTI ESD 42V MHS 0402 Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:275Vrms; Voltage Rating DC, Vdc:350VDC; Peak Surge Current @ 8/20uS:1750A; Clamping Voltage 8/20 Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:1000Vrms; Voltage Rating DC, Vdc:1200VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping SUPPRESSOR SMT 0402 160V 12PF LED SCHALTER HARMON BESCHRIFTET SCHWARZ AVALANCHE DIODE ARRAY SP0503BAHT Transient Surge Protection Thyristor; Current, It av:30A; Leaded Process Compatible:No; Package/Case:DO-2144AA; Peak Reflow Compatible (260 C):No; Repetitive Reverse Voltage Max, Vrrm:50V; Current Rating:30A RoHS Compliant: No DIODE TVS 90V 1500W UNI 5% SMC DIODE TVS 9.0V 1500W BI 5% SMC Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:130Vrms; Voltage Rating DC, Vdc:175VDC; Peak Surge Current (8/20uS), Itm:50000A; Clamping Voltage 8/20us Max :340V; Capacitance, Cd:20000pF; Package/Case:60mm Disc Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:60Vrms; Voltage Rating DC, Vdc:81VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :175V; Peak Energy (10/1000uS):20J; Capacitance, Cd:2000pF Varistor; Voltage Rating AC, Vrms:60Vrms; Voltage Rating DC, Vdc:81VDC; Peak Surge Current (8/20uS), Itm:2500A; Clamping Voltage 8/20us Max :165V; Peak Energy (10/1000uS):10J; Capacitance, Cd:900pF; Package/Case:10mm Disc Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:140Vrms; Voltage Rating DC, Vdc:180VDC; Peak Surge Current (8/20uS), Itm:10000A; Clamping Voltage 8/20us Max :360V; Capacitance, Cd:1750pF; Package/Case:20mm Disc Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:10Vrms; Voltage Rating DC, Vdc:14VDC; Peak Surge Current (8/20uS), Itm:1000A; Clamping Voltage 8/20us Max :36V; Peak Energy (10/1000uS):3.5J; Capacitance, Cd:11000pF Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:10Vrms; Voltage Rating DC, Vdc:14VDC; Peak Surge Current @ 8/20uS:250A; Clamping Voltage 8/20us Max :36V; Peak Energy (10/1000uS):0.8J; Capacitance, Cd:2000pF RoHS Compliant: Yes LED SCHALTER HARMONY BUENDIG GELB LED SCHALTER HARMONY BUENDIG BLAU LED SCHALTER HARMONY 22MM 6 DIVER FARBEN
|
|
AMS1073 |
1.2A Peak Output Current
|
Advanced Monolithic Systems Ltd
|
|