PART |
Description |
Maker |
MAC4DLM-001G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
ON Semiconductor
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC4DHM MAC4DHMT4 MAC4DHM-001 |
Sensitive Gate Triacs Silicon Bidirectional Thyristors From old datasheet system Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
ONSEMI[ON Semiconductor]
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FS0202MA00BU FS0201NA FS0201BA FS0201BB FS0201DA F |
600 V, sensitive gate SCR 400 V, sensitive gate SCR 200 V, sensitive gate SCR 800 V, sensitive gate SCR
|
Fagor Electronic Components Inc
|
MM74HC4049 MM74HC4050 MM74HC4049M MM74HC4049MTC MM |
ANA AIR CORE TACH/SPD DRV; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP16 Hex Inverting Logic Level Down Converter • Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
MC74VHC1GT04DFT2 M74VHC1GT04DFT1G MC74VHC1G13507 M |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter 2?Input NAND Schmitt?Trigger with Open Drain Output Single Schmitt?Trigger Inverter Single 2?Input NAND Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs Single 2?Input NOR Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs
|
ONSEMI[ON Semiconductor]
|
M74VHC1GT04DFT1G |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter AHC/VHC SERIES, 1-INPUT INVERT GATE, PDSO5
|
ON Semiconductor
|
HCPL-6250 HCPL-625K HCPL-625X 5962-8876801PA 5962- |
Hermetically Sealed. Low If. Wide Vcc. Logic Gate Optocouplers 密封。如果低。宽的VCC。逻辑门光电耦合 HCPL-523K-300 · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers HCPL-523K-100 · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KXA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers HCPL-520K-100 · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers HCPL-520K-300 · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KPC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KXA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801PC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KPA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901PA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801PA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801XA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801YA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801YC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KYA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KYC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901PC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901XA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901YA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901YC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-88769022A · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876903FC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KPA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KPC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KYA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KYC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876905K2A · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876906KFC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
IRLZ44NS/L IRLZ44NSTRR IRLZ44NL IRLZ44NSTRLPBF |
Logic-Level Gate Drive
|
International Rectifier
|
IRL1104S |
Logic-Level Gate Drive
|
International Rectifier
|
|