PART |
Description |
Maker |
M87C196KD M87C196KC |
16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM
|
INTEL[Intel Corporation]
|
AN87C196KD |
16-bit high performance CHMOS microcontroller OTPROM, 32 Kbytes, 16 MHZ
|
Intel
|
TN80C251SA16 |
HIGH-PERFORMANCE CHMOS MICROCONTROLLER 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44
|
Intel, Corp.
|
8XC251SA 8XC251SB 8XC251SP 8XC251SQ |
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
|
http://
|
N87C251SB |
(N87C251SA/SB/SP/SQ) High Performance CHMOS Microcontroller
|
Intel
|
8044 |
CHMOS Single-Chip 8-Bit Microcontroller(CHMOS 单片位微控制
|
Intel Corp.
|
C83C251TB P80C251TB N83C251TB |
High-performance CHMOS microcontroller. 1 Kbytes RAM, 16 Kbytes ROM, 24 MHz High-performance CHMOS microcontroller. 1 Kbytes RAM, without ROM, 24 MHz
|
Intel
|
8XC196NU YW80C196NU40 YW80C196NU50 272644-004 8640 |
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER Commercial CHMOS 16-Bit Microcontroller(商用 CHMOS 16位微控制 商业CHMOS 16位微控制器(商用CHMOS 16位微控制器)
|
Intel Corporation Intel, Corp.
|
8XL196NP |
Commercial CHMOS 16-Bit Microcontroller(商用 CHMOS 16位微控制
|
Intel Corp.
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AK5394A AK5394AVS AKD5394A |
24-bit 192K 123dB, Highest Performance ADC Super High Performance 192kHz 24-Bit ADC
|
AKM[Asahi Kasei Microsystems]
|