PART |
Description |
Maker |
LT3667 |
40V 400mA Step-Down Switching Regulator
|
Linear Technology Corporation
|
LT3970EMS-3.3-PBF LT3970EMS-3.3-TRPBF LT3970EMS-5- |
40V, 350mA Step-Down Regulator with 2.5楼矛A Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5μA Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead Plastic MSOP, Temp E –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead (3mm × 2mm) Plastic DFN, Temp I –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3504EUFDPBF |
Quad 40V/1A Step-Down Switching Regulator with 100% Duty Cycle Operation
|
Linear Technology
|
CDSV-19-G CDSV-21-G CDSV-20-G |
Small Signal Switching Diodes, V-RRM=200V, V-R=150V, P-D=200mW, I-F=400mA Small Signal Switching Diodes, V-RRM=120V, V-R=100V, P-D=200mW, I-F=400mA Small Signal Switching Diodes, V-RRM=250V, V-R=200V, P-D=200mW, I-F=400mA SMD Switching Diode
|
Comchip Technology
|
LTC3523 LTC3523-2 |
Synchronous 600mA Step-Up And 400mA Step-Down DC/DC Converters
|
Linear Technology Corporation
|
AAT1146IJS-0.6-T1 AAT1146IJS-1.875-T1 AAT1146 |
FAST TRANSIENT 400MA STEP-DOWN CONVERTER
|
Advanced Analogic Technologies
|
AAT1146IJS-1.875-T1 AAT1146IJS-0.6-T1 |
Fast Transient 400mA Step-Down Converter 快速瞬00mA的降压转换器
|
Advanced Analogic Technologies, Inc.
|
LMK107BBJ106MA LMK107BJ475KA LMK212B7475KG LMK212B |
400mA Inductor Built-in Step-Down “micro DC/DC Converters
|
Torex Semiconductor
|
MAX1921EUT33T MAX1921EUT15 MAX1921EUT18 MAX1920ETT |
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
|
Maxim Integrated Products
|
LTC3525L-3 LTC3525LESC6-3 |
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
|
Linear Technology
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|