PART |
Description |
Maker |
P8SG-XXXXEH52 P8SG-0505EH52 P8SG-1205EH52 P8SG-121 |
Input voltage:24V, output voltage 7.2V (200mA), 5.2KV isolated 1.5W regulated single output 5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 5.2千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P6BU-2415E P6BU-0505E P6BU-0512E P6BU-0515E P6BU-0 |
Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔W的未稳压单输出DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔1W的未稳压单输出DIP8
|
http:// PEAK[PEAK electronics GmbH]
|
P6LU-2415EH52 P6LU-0505EH52 P6LU-0512EH52 P6LU-120 |
Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output 5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 5.2KV隔震1W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
CMR0505SA3C CMR0505SAP3C4 CMR0515S3C CMR0512S3C |
Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
|
Murata Power Solutions ...
|
RP75-483.3SN RP75-482.5SN RP75-483.3SP RP75-48051. |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
NME2412D NME2412S NME2415D NME4815S NME NME2405D N |
Isolated 1W Single Output DC-DC Converters 1-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
NPH25S4803I NPH25S4805I NPH25S2415I NPH25S2412I NP |
Isolated 25W Single Output DC/DC Converters 1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE
|
C&D TECHNOLOGIES INC Everlight Electronics Co., Ltd. CANDD[C&D Technologies]
|
B0505LS-1W |
FIXED INPUT ISOLATED & UNREGULATED
1W OUTPUT SINGLE OUTPUT
MINIATURE SIP(DIP) PACKAGE
|
MORNSUN
|
P7BU-XXXXE P7BU-0505E P7BU-0512E P7BU-0515E P7BU-1 |
1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8 1KV交隔.25糯未稳压单输出DIP8 1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8 1KV交隔1.25糯未稳压单输出DIP8
|
PEAK[PEAK electronics GmbH] http://
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
NDTS2403C NDTS2405C NDTS1203C NDTS1205C NDTS1212C |
Isolated 3W Single Output DC/DC Converters
|
Murata Manufacturing Co., Ltd. http://
|