PART |
Description |
Maker |
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HLMP-K640 HLMP-K400 HLMP-K401 HLMP-K402 HLMP-K600 |
Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SON -40 to 85 T-1 (3mm) SOLID STATE LAMPS
|
QT[QT Optoelectronics] http://
|
HFA1110_883 FN3620 HFA1110MJ_883 HFA1110MJ/883 HFA |
750MHz, Low Distortion Unity Gain, Closed Loop Buffer FN3620.2 750MHz, Low Distortion 750MHz, Low Distortion From old datasheet system XO 156.25MHZ 50PPM 3.3V 15PF-LOAD SMD-7050 TR-7-PL
|
Intersil Corporation
|
EMK105SD222JV-F EMK212SDXXXXX EMK105SDXXXXX |
Super Low Distortion Multilayer Ceramic Capacitors
|
Taiyo Yuden
|
LMK107SD153KA-T |
Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
|
Taiyo Yuden (U.S.A.), I...
|
UMK105SD471KV-F |
Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
|
Taiyo Yuden (U.S.A.), I...
|
UMK105SD391KV-F |
Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
|
Taiyo Yuden (U.S.A.), I...
|
LTC1562-2 LTC1562C-2 LTC1562CG-2 LTC1562I-2 LTC156 |
From old datasheet system Very Low Noise/ Low Distortion Active RC Quad Universal Filter Advanced LinEPIC Self-Calibrating Precision Dual Operational Amplifier 20-LCCC -55 to 125 Very Low Noise, Low Distortion Active RC Quad Universal Filter
|
Linear Technology Corporation
|
2SC4703 2SC4703NE46234 2SC4703SH |
MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MICROWAVE LOW NOISE LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MICROWAVE LOW NOISE/ LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT
|
NEC[NEC] NEC Corp.
|
MAX4250 MAX4250EUK MAX4250EUK-T MAX4251 MAX4252 MA |
Differential Bus Transceivers 8-SOIC DUAL OP-AMP, 750 uV OFFSET-MAX, 22 MHz BAND WIDTH, PDSO14 SOT23 / Single-Supply / Low-Noise / Low-Distortion / Rail-to-Rail Op Amps SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http://
|
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
LT1115 LT1115C LT1115CN8 LT1115CS |
From old datasheet system Ultra-Low Noise, Low Distortion Audio Op Amp Ultra-Low Noise, Low Distortion, Audio Op Amp
|
LINER[Linear Technology]
|