PART |
Description |
Maker |
39-00-0220 39-00-0222 39-00-0054 |
Crimp Pin Contact; Wire Size (AWG):24-18; Body Material:Phosphor Bronze; Series:5558; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Multipole Connector; Body Material:PA Polyamide (Nylon) 6/2; Connecting Termination:Crimp; Operating Voltage:250V; Pitch Spacing:0.062" RoHS Compliant: Yes PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Connector Contact,PIN,CRIMP Terminal
|
Molex, Inc. MOLEX INC
|
0008520112 08-52-0112 6838-A |
Trifurcon?/a> Crimp Terminal 6838, 18-20 AWG, Reel, Phosphor Bronze Tin (Sn) Trifurcon Crimp Terminal 6838, 18-20 AWG, Reel, Phosphor Bronze Tin (Sn) Trifurcon垄芒 Crimp Terminal 6838, 18-20 AWG, Reel, Phosphor Bronze Tin (Sn) MOLEX Connector
|
Molex Electronics Ltd.
|
RM12-K-12P |
PHOSPHOR BRONZE
|
FERYSTER Inductive Comp...
|
E42-20-KH-14P-DS-BOX E42-20-KH-14P-DS |
PHOSPHOR BRONZE
|
FERYSTER Inductive Comp...
|
EFD15-K-10P-4S-SMD |
PHOSPHOR BRONZE
|
FERYSTER Inductive Comp...
|
EF12.6-KH-10P-SMD-DS |
PHOSPHOR BRONZE
|
FERYSTER Inductive Comp...
|
SF7W006S4E |
CONTACT PHOSPHOR BRONZE
|
Japan Aviation Electronics Industry, Ltd.
|
EF20-6-K-V-10P-SS EF20-K-V-10P-HY2016 |
PHOSPHOR BRONZE COIL FORMER
|
FERYSTER Inductive Componen... FERYSTER Inductive Components Manufacturer
|
E42-15-K-H-10P-1S-WZ7130 E42-15-KH-10P-1S-WZ7130 |
PHOSPHOR BRONZE COIL FORMER
|
FERYSTER Inductive Comp... FERYSTER Inductive Components Manufacturer
|
08-52-0124 0008520124 |
Trifurcon?/a> Crimp Terminal 7258, 22-26 AWG, Reel, Phosphor Bronze Tin (Sn) Trifurcon Crimp Terminal 7258, 22-26 AWG, Reel, Phosphor Bronze Tin (Sn) Trifurcon垄芒 Crimp Terminal 7258, 22-26 AWG, Reel, Phosphor Bronze Tin (Sn)
|
Molex Electronics Ltd.
|
0008520113 08-52-0113 6838-AL |
Trifurcon?/a> Crimp Terminal 6838, 18-20 AWG, Bag, Phosphor Bronze Tin (Sn) Trifurcon Crimp Terminal 6838, 18-20 AWG, Bag, Phosphor Bronze Tin (Sn) Trifurcon垄芒 Crimp Terminal 6838, 18-20 AWG, Bag, Phosphor Bronze Tin (Sn)
|
Molex Electronics Ltd.
|