PART |
Description |
Maker |
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
EP3C120 |
(EP3C25 / EP3C120) Cyclone III FPGA Family
|
Altera
|
EP2C5Q208C8N EP2C15AF484C7N EP2C5F256I8N EP2C50 EP |
Section I. Cyclone II Device Family Data Sheet Section I. Cyclone II Device Family Data Sheet
|
Altera Corporation
|
EP3SL70F780C3N |
Stratix III Device Family Overview
|
Altera Corporation
|
EP1K30TC144-3 EP1K50QC20 EP1K10TC10 EP1K50QC208-1 |
Programmable Logic Device Family
Acex 1K Device Family (2.5V) IC,FPGA,72-CELL,CMOS,QFP,144PIN,PLASTIC
|
Altera
|
ST2L05R3315K5 ST2L05R1833PT ST2L05R2833PS ST2L05R3 |
TRANSISTOR,MOSFET,N-CHANNEL,20V V(BR)DSS,14A I(D),LLCC RoHS Compliant: Yes ER 1C 1#4 SKT PLUG ER 3C 2#16 1#0 SKT PLUG VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR 极低的静态电流双电压调节 Cyclone II FPGA 8K FBGA-256 极低的静态电流双电压调节 Stratix FPGA 80K FBGA-1508 极低的静态电流双电压调节 CYCLONE III FPGA 10K 144-EQFP 极低的静态电流双电压调节 Stratix II GX FPGA 30K FPGA-780 极低的静态电流双电压调节
|
意法半导 STMicroelectronics N.V.
|
EP4CE115F23I7N EP4CE15F17C7N EP4CE15F17C8N EP4CE15 |
1. Cyclone IV Device Datasheet Cyclone IV Device Datasheet
|
Altera Corporation
|
EP1C3T100C6 EP1C12Q240C8 EP1C6T400 EP1C6T400C6ES E |
Cyclone FPGA Family FPGA FPGA (Field-Programmable Gate Array) - Datasheet Reference
|
ALTERA[Altera Corporation] Altera Corp
|
MCRF450 MCRF452 MCRF452/0M MCRF455 |
The MCRF45x family is a contactless read/write passive Radio Frequency Identification (RFID) IC device that is optimized for 13.56 MHz RF carrier signal. The device needs an external LC resonant circuit to communicate with interrogator wir The MCRF45x family is a contactless read/write passive Radio Frequency Identification (RFID) IC device that is optimized for 13.56 ...
|
Microchip
|
EP3SL340 EP3SL150 EP3SE50 EP3SE80 EP3SL200 EP3SL11 |
Stratix III Device Handbook, Volume 2 Chapter Revision Dates
|
Altera Corporation
|
AMPAL22V10 PAL22V10-7JC |
OT PLD, 7.5 ns, PQCC28 PAL22V10 Family/ AmPAL22V10/A 24-Pin TTL Versatile PAL Device PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
|
ADVANCED MICRO DEVICES INC Analog Devices
|