PART |
Description |
Maker |
DTSPU68 DTSPU68-105 DTSPU68-108 |
Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
|
Wall Industries,Inc.
|
IRF720 IRF721 |
N-CHANNEL POWER MOSFETS TRI CON SKT 20-22 GLD ST/LO
|
SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|
MPV1560S-12RI4 MPV1560S-15RI4 MPV1560S-24RI4 |
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
|
MicroPower Direct, LLC
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
G2R-1-H G2R-1A-DC12 G2R-14-AC120 G2RK-1 G2R-1-TDC1 |
Creepage distance of 8.0 mm min. between coil and con tact. The Best Seller G2R Power PCB Relay G2R
|
Omron Electronics LLC
|
VFP-4 Y073321K5000A0L Y073421K5000A0L Y073321K5000 |
Bulk Metal㈢ Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/∑C, Tolerance to 【 0.01 % and power up to 10 Watts Bulk Metal? Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts Bulk Metal庐 Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/掳C, Tolerance to 卤 0.01 % and power up to 10 Watts Bulk Metal垄莽 Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/隆?C, Tolerance to 隆戮 0.01 % and power up to 10 Watts
|
Vishay Siliconix
|
PTB20038 |
25 Watts, 86000 MHz Cellular Radio RF Power Transistor 25 Watts, 860-900 MHz Cellular Radio RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
MJ14001 MJ14003 MJ14002 ON1978 |
60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-204AE 60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-204AE From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
AVO50C-48S3V3-6L AVO50-48S2V5P-4 AVO50-48S05-4 AVO |
POWER 50 Watts Low ripple and noise POWER 50 Watts
|
Artesyn Technologies
|
20SVP68M |
OS-CON 20SVP68M OS-CON20SVP68M
|
SanyoSemiconDevice
|
384199 |
Male Con.C/2 48 solder
|
ERNI Electronics
|
OS-CON20SVP150M |
OS-CON SVP series
|
SANYO
|