PART |
Description |
Maker |
ASM1816R-5F_T ASM1816 ASM1816-10 ASM1816-10_T ASM1 |
Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] http://
|
ASM1233D-10 ASM1233DZ-10 ASM1233D-5 ASM1233D-15 |
4.375 V, low power, 5mP reset, active LOW, open-drain output 4.625 V, low power, 5mP reset, active LOW, open-drain output 4.125 V, low power, 5mP reset, active LOW, open-drain output
|
Alliance Semiconductor
|
MAX971 MAX971CPA MAX971CSA MAX971CUA MAX971EPA MAX |
Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators Ultra-Low-Power / Open-Drain / Single/Dual-Supply Comparators
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MIC6315-40D2U MIC6315-40D2UY MIC6315-40D3U MIC6315 |
Open-Drain 渭P Reset Circuit Open-Drain μP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Micrel Semiconductor http:// MICREL INC
|
CAT808NTFI-32-T1 CAT808NTFI-27-T1 |
Supervisor, Open drain, Act low 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3
|
ON Semiconductor
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
74AUP2G06GN |
Low-power dual inverter with open-drain output
|
NXP Semiconductors
|
74AUP1G06GM |
Low-power inverter with open-drain output 漏极开路输出的低功耗反相器
|
NXP Semiconductors N.V.
|
ADM1818 ADM1811 ADM1813 ADM1815 ADM1816 |
Microprocessor Supervisory in SOT-23 with Manual Push Button Option Microprocessor Supervisory in SOT-23 with Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Push-Pull Output Choices Microprocessor Supervisory in SOT-23 with Low Active OpenDrain Output Choices
|
Analog Devices
|
P4C1258-25CMB P4C1258L-25CMB P4C1258-45LMB P4C1258 |
VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R Micro Power Voltage detector, w/push pull active low, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH PULL ACTIVE LOW OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R MICRO POWER VOLTAGE DETECTOR, W/OPEN DRAIN, ACTIVE LOW, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R MICTO POWER VOLTAGE DETECTOR, W/ACTIVE DRAIN, ACTIVE LOW, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/PUSH PULL ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE HIGH OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R x4的SRAM MICRO POWER VOLTAGE DETECTOR, W/OPEN DRAIN ACTIVE LOW, -40C to 125C, 4-SOT-143, T/R x4的SRAM VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R x4的SRAM x4 SRAM x4的SRAM
|
Unisonic Technologies Co., Ltd. Pyramid Semiconductor, Corp.
|
74AUP1G95L6X 74AUP1G95FHX |
TinyLogic? Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
|
Fairchild Semiconductor
|
|