PART |
Description |
Maker |
MAX4741 MAX4741EKA MAX4741EUA MAX4742EKA MAX4742EU |
0.8O, Low-Voltage, Single-Supply Dual SPST Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 0.8<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9 Low-Voltage.Single-Supply Dual SPST Analog Switches 0.8з, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8 / Low-Voltage / Single-Supply Dual SPST Analog Switches 0.8 Low-Voltage Single-Supply Dual SPST Analog Switches " 0.8|? Low-Voltage, Single-Supply Dual SPST Analog Switches" 0.8, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8? Low-Voltage, Single-Supply Dual SPST Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
ISL84543CB ISL84543 ISL84543CP ISL84543IH-T ISL845 |
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP8 1024 x 36 synchronous FIFO Memory 120-HLQFP 0 to 70 低电压,单电源,双路SPST,SPDT模拟开 Low-Voltage Single Supply Dual SPST SPDT Analog Switches Low-Voltage/ Single Supply/ Dual SPST/ SPDT Analog Switches
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HT507DC HT506DB HT506DC HT507 HT507DB HT506 |
From old datasheet system HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
|
ETC[ETC] List of Unclassifed Manufacturers Honeywell Sensing
|
OM6035NM OM6036NM OM6037NM OM6034NM |
100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 11A条(丁)|贴片 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier
|
HCPL-1931-B600 HCPL-1930 HCPL-1930-100 HCPL-1930-2 |
2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps Hermetically Sealed. Dual Channel Line Receiver Optocouplers 密封。双通道线路接收器光电耦合 Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver 双通道线接收双通道线接收双通道线路接收 HCPL-1930 · Hermetically Sealed, Dual Channel Line Receiver Optocouplers HCPL-1931 · Hermetically Sealed, Dual Channel Line Receiver Optocouplers HCPL-193K · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201EA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201EC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201YA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KXA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KYC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201YC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KYA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KEC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201XA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KEA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers
|
Agilent(Hewlett-Packard... AGILENT TECHNOLOGIES INC Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
AD10226/PCB AD10226AB AD10226-15 |
Dual Channel, 12-Bit 125 MSPS IF Sampling A/D Converter ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
|
Analog Devices, Inc.
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
2SK168 2SK168E 2SK168D 2SK168F |
Silicon N Channel MOS FET Silicon N-Channel Junction FET Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR|JFET|N-CHANNEL|8MA I(DSS)|TO-92 TRANSISTOR|JFET|N-CHANNEL|20MA I(DSS)|TO-92 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|场效应| N沟道| 12mA的我(直)|2
|
Hitachi Semiconductor Hitachi,Ltd.
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
M54HC4351 M54HC4351B1R M54HC4351C1R M54HC4351F1R M |
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL ANALOGMULTIPLEXER /解复用器WITHADDRESS锁存:SINGLE8CHANNEL,双4通道,TRIPLE2CHANNEL ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL ANALOGMULTIPLEXER /解复用器WITHADDRESS锁存SINGLE8CHANNEL,双4通道,TRIPLE2CHANNEL From old datasheet system ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH: SINGLE 8 CHANNEL, DUAL 4 CHANNEL, TRIPLE 2 CHANNEL ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL/ DUAL 4CHANNEL/ TRIPLE2CHANNEL ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL / DUAL 4CHANNEL / TRIPLE2CHANNEL SINGLE 8 CHANNEL, DUAL 4 CHANNEL, TRIPLE 2 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH:
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
MAX6412UK22-T MAX6413UK22-T MAX6414UK22-T MAX6418U |
Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Quad Low-Capacitance Array With /-15-kV ESD Protection 5-SOT -40 to 85 低功耗、单/双电压、微处理器复位电路,带有电容可调的复位超时周 Low-Capacitance 4-Channel /-15-kV ESD Protection Array for High-Speed Data Interfaces 6-SOT -40 to 85 Low-Power Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power / Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|