PART |
Description |
Maker |
291-910-0630G |
RDM-HF STRAIGHT RECEPTACLE
|
Winchester Electronics Corp...
|
SD201-910-0630G |
RDM STRAIGHT RECEPTACLE
|
Winchester Electronics Corporation
|
SD241-910-0635C |
RDM STRAIGHT RECEPTACLE
|
Winchester Electronics Corporation Winchester Electronics Corp...
|
261-910-1073G |
RDM STRAIGHT PLUG
|
Winchester Electronics ...
|
200-510-0630H |
RDM STRAIGHT PLUG
|
Winchester Electronics Corp...
|
221-910-0001G |
RDM HIGH POWERCRIMP RECEPTACLE
|
Winchester Electronics Corp...
|
SD200-510-0630G |
RDM STRAIGHT PLUG CABLE TERMINATED, RF CONNECTOR, PLUG Body : Brass Per Astm B16
|
Winchester Electronics Corporation Winchester Electronics Corp...
|
15-92-1468 15-92-1450 15-92-1060 15-92-1520 |
CONNECTOR, 68 PIN, RECEPTACLE, TH MOLEX 15-92-1468 68 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 15921450 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 15921060 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 120CKT EBBI VERT RECPT A716601420
|
Molex, Inc. MOLEX INC
|
EH05601-PQ EH05617-PQ EH05607-PQ EH03047-PQ EH0564 |
112 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 60 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 80 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 164 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, RECEPTACLE 116 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 300 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, RECEPTACLE 194 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 140 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 72 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 22 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 164 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 182 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 30 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 68 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, RECEPTACLE 68 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 80 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, RECEPTACLE
|
Foxconn Technology Co., Ltd. HON HAI PRECISION INDUSTRY CO LTD
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
305-1306-407 305-1306-403 305-1306-285 305-1306-28 |
MALE-FEMALE, RF STRAIGHT ADAPTER, PLUG-RECEPTACLE PANEL MOUNT, FEMALE, RF STRAIGHT ADAPTER, RECEPTACLE
|
TROMPETER ELECTRONICS INC
|
71660-7240 71660-7680 71660-7280 71660-7030 |
EBBI 50D Vt Rcpt BlndM 40Ckt 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE EBBI 50D Vt Rcpt BlndM 80Ckt 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 30CKT EBBI VERT RECPT 716607030 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
|