PART |
Description |
Maker |
250R120-R3 250R120-R1ZR 250R120-RA 250R120-RC 250R |
Fast time - to - trip Access equipment Lan/Wan equipment POLY-FUSE? Resettable PTCs POLY-FUSE Resettable PTCs POLY-FUSE? Resettable PTCs Radial Leaded > 250R Series
|
Littelfuse
|
HM-6642/883 |
PROM, 512x8 CMOS, high speed, low power, Fast Access Time 120/200ns
|
Intersil
|
HM-6642/883 |
PROM, 512x8 CMOS, high speed, low power, Fast Access Time 120/200ns
|
Intersil Corporation
|
AS29P200 AS29F200B-120SC AS29F200B-70TC AS29F200B- |
5V 256K x 8 / 128K x 16 CMOS Flash EEPROM 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 120ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 70ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 55ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 90ns
|
Alliance Semiconductor
|
MAX6505 MAXIM MAX6506 MAX6507 MAX6508 MAX6505UTP01 |
Trip temperature -10, 30 mA, dual trip SOT temperature switch Trip point 35, 30 mA, dual trip SOT temperature switch Trip point 20, 30 mA, dual trip SOT temperature switch Trip temperature 85, 30 mA, dual trip SOT temperature switch Trip temperature 90, 30 mA, dual trip SOT temperature switch Trip temperature 65, 30 mA, dual trip SOT temperature switch Trip temperature 45, 30 mA, dual trip SOT temperature switch Trip temperature 15, 30 mA, dual trip SOT temperature switch Trip point -15, 30 mA, dual trip SOT temperature switch Trip point -35, 30 mA, dual trip SOT temperature switch Trip point -10, 30 mA, dual trip SOT temperature switch Trip point -5, 30 mA, dual trip SOT temperature switch Trip point 0, 30 mA, dual trip SOT temperature switch Trip temperature 95, 30 mA, dual trip SOT temperature switch Trip temperature 110, 30 mA, dual trip SOT temperature switch Trip temperature -20, 30 mA, dual trip SOT temperature switch Trip temperature 75, 30 mA, dual trip SOT temperature switch Trip point 70, 30 mA, dual trip SOT temperature switch Trip point 10, 30 mA, dual trip SOT temperature switch Dual Trip SOT Temperature Switches Trip point 5, 30 mA, dual trip SOT temperature switch Trip point 75, 30 mA, dual trip SOT temperature switch Trip temperature -25, 30 mA, dual trip SOT temperature switch Trip temperature -15, 30 mA, dual trip SOT temperature switch Trip point -30, 30 mA, dual trip SOT temperature switch Trip temperature 35, 30 mA, dual trip SOT temperature switch Trip temperature 55, 30 mA, dual trip SOT temperature switch Trip temperature 70, 30 mA, dual trip SOT temperature switch Trip temperature 40, 30 mA, dual trip SOT temperature switch Trip temperature 105, 30 mA, dual trip SOT temperature switch Trip point 25, 30 mA, dual trip SOT temperature switch Trip point 45, 30 mA, dual trip SOT temperature switch
|
MAX6508 MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
UM6264 UM6264M-10 UM6264M-10L UM6264-12 UM6264-10 |
Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:64-BGA; Memory Configuration:64K x 8; Memory Size:32MB; NOR Flash Type:Page Mode Access 8K x 8 CMOS SRAM
|
United Microelectronics Corporation ETC UMC[UMC Corporation]
|
ULQ2801A ULQ2802A ULQ2803A ULQ2804A ULQ2805A |
Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:100ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:56-TSOP; Memory Configuration:128K x 16; Memory Size:256MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 八达林顿阵列 EIGHT DARLINGTON ARRAYS
|
STMicroelectronics N.V. Allegro MicroSystems STMICROELECTRONICS[STMicroelectronics]
|
M41T00SM6F M41T00S M41T00SM6E |
Serial Access Real-Time Clock
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
UT6164CJC-10 UT6164CJC-12 UT6164CJC-15 |
Access time: 10 ns, 8 K x 8 Bit high speed CMOS SRAM Access time: 12 ns, 8 K x 8 Bit high speed CMOS SRAM Access time: 15 ns, 8 K x 8 Bit high speed CMOS SRAM
|
UTRON Technology
|
M41T81S07 M41T81S |
Serial access real-time clock with alarms(带报警的串行存取实时时钟)
|
意法半导 STMicroelectronics
|
UDT555UV/LN |
Serial Access Real-Time Clock with Alarms 集成电路放大器输出相
|
Electronic Theatre Controls, Inc.
|
|