PART |
Description |
Maker |
AA112 |
GOLD BONDED GERMANIUM DIODE
|
List of Unclassifed Manufacturers ETC[ETC]
|
1N100 |
GOLD BONDED GERMANIUM DIODE
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
1502BNBSP 1502B 1N145 1N143 1N108 1N71 1N142 1N111 |
From old datasheet system GOLD BONDED DIODES
|
ETC[ETC]
|
1N498 1N476 1N477 |
GOLD BONDED DIODES(Low forward voltage, low power consumption)
|
Electronic Theatre Controls, Inc.
|
1N4193A 1N4184B 1N4187A 1N4183B 1N4182B 1N4186A |
ZENER DIODES DOUBLE SLUG TYPE CONSTRUCTION GOLD BONDED GERMANIUM DIODES
|
New Jersey Semiconductors
|
1N965 JANTX1N957B-1 1N960 1N985 1N963 1N967 JANTXV |
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 24 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 56 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 MVSTBW 2,5/21-ST 12 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Zener Voltage Regulator Diode RES 348-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-1206 TR-7-PA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
MD20-0016-S |
0.5 MHz - 500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 7 dB CONVERSION LOSS-MAX .54mm (.100") Pitch SL(TM) Fibre Channel Wire-to-Board Header, Single Row, Vertical, 3.40mm (.134") Pocket, Shrouded, 3 Circuits, 0.38??m (15??") Gold (Au) Selective Plating Double Balanced Mixer 0.5 - 500 MHz
|
MACOM[Tyco Electronics]
|
MLL3595 JANTX1N3595UR JANTXV1N3595UR-1 |
METALLURGICALLY BONDED
|
Microsemi Corporation
|
1N985B 1N985B-1 |
METALLURGICALLY BONDED
|
Compensated Devices Incorporated
|
PIC-M072031035 |
Bonded Permanent Magnet
|
PIC GmbH
|
|