PART |
Description |
Maker |
JDH2S01T |
UHF Band Mixer Diode Silicon Epitaxial Schottky Barrier Type UHF Band Mixer
|
Toshiba Corporation
|
MT6L61AS |
Transistor Silicon NPN Epitaxial Planar Type VHF-UHF Band Low Noise Amplifier Application VHF-UHF Band Oscillator Application
|
TOSHIBA
|
MT6C03AS |
Transistor Silicon NPN Epitaxial Planar Type VHF-UHF Band Low Noise Amplifier Application VHF-UHF Band Oscillator Application
|
TOSHIBA
|
2SK3475 |
Field Effect Transistor Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications VHF-and UHF-band Amplifier Applications
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
JDP2S01S |
UHF~VHF Band RF Attenuator Applications 甚高频波段超高频射频衰减器的应用 Diode Silicon Epitaxial Pin Type UHF~VHF Band RF Attenuator Applications
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BAT68-04W BAT68-05W BAT68-06W BAT68W |
Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching) SILICON, VHF-UHF BAND, MIXER DIODE From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
1N5472A 1N5466C TX-1N5469C TX-1N5468B TX-1N5446C 1 |
VHF-UHF BAND, 47 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 18 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 27 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 22 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 100 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 10 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 68 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 20 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 6.8 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 56 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 39 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 8.2 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 33 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 12 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7
|
|
MA27V17 |
Silicon epitaxial planar type UHF BAND, 2.98 pF, 6 V, SILICON, VARIABLE CAPACITANCE DIODE
|
Panasonic, Corp.
|
HSMS-285C-BLK |
SILICON, UHF-C BAND, MIXER DIODE
|
|
1N5712-AR1 |
SILICON, VHF-UHF BAND, MIXER DIODE, DO-35
|
STMICROELECTRONICS
|
NE5511279A-T1A-A NE5511279A NE5511279A-T1-A |
7.5 V UHF BAND RF POWER SILICON LD-MOS FET
|
CEL[California Eastern Labs]
|
MMBD353L |
SILICON, UHF BAND, MIXER DIODE, TO-236AB
|
MOTOROLA INC
|
|